Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCC0HMP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BCC0HMP
Descripción Electrónicos  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0HMP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC0HMP Datasheet HTML 1Page - Balluff Korea Ltd. BCC0HMP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M314-M414-3E-304-PX0434-150
Order Code: BCC0HMP
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 275366
ETIM 6.0: EC001855
BCC0HMP_1_2023-01-23
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame-retarding acc. to IEC 60332-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
Wiring Diagrams



Html Pages

1 2