Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP22-A0F100-D3 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

No. de pieza MP22-A0F100-D3
Descripción Electrónicos  Metal pushbutton switch, 1 million cycles, IP67,IK10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Página de inicio  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP22-A0F100-D3 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  MP22-A0F100-D3 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP22-A0F100-D3 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP22-A0F100-D3 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP22-A0F100-D3 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
04


PANEL MOUNTING
HARDWARE
Round
Double flat
Panel thickness:
.394inch(10.0 mm) MAX.
Ø
.866
Ø
22.00
.811
20.60
Ø
.866
Ø
22.00
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
O-RING (Std.)
Model name. FCP-MP 07
NUT (Std.)
Model name. MNU-MP02
Standard hardware : 1 nut, 1 O-ring
For further information please consult sales representatity.
.98
25.0
.12
3.00
.06
1.50
Ø
.69
Ø
17.7
M22x1.0
O-RING
O-RING
l
e
n
a
p
e
h
t
d
n
i
h
e
B
l
e
n
a
p
e
h
t
f
o
t
n
o
rf
n
I
Proposal
Installation
Diagram
O-RING INSTALLATION



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com