| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M93C56-RMB3TP Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C56-RMB3TP Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 31 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 16/31 Table 15. DC Characteristics (M93Cx6, Device Grade 6) Table 16. DC Characteristics (M93Cx6, Device Grade 7 or 3) Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current 0V ≤VIN ≤VCC ±2.5 µA ILO Output Leakage Current 0V ≤VOUT ≤VCC, Q in Hi-Z ±2.5 µA ICC Supply Current VCC = 5V, S = VIH, f = 2 MHz, Q = open 2 mA ICC1 Supply Current (Stand-by) VCC = 5V, S = VSS, C = VSS, ORG = VSS or VCC 15 µA VIL Input Low Voltage VCC = 5V ± 10% –0.45 0.8 V VIH Input High Voltage VCC = 5V ± 10% 2 VCC + 1 V VOL Output Low Voltage VCC = 5V, IOL = 2.1mA 0.4 V VOH Output High Voltage VCC = 5V, IOH = –400µA 2.4 V Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current 0V ≤VIN ≤VCC ±2.5 µA ILO Output Leakage Current 0V ≤VOUT ≤VCC, Q in Hi-Z ±2.5 µA ICC Supply Current VCC = 5V, S = VIH, f = 2 MHz, , Q = open 2 mA ICC1 Supply Current (Stand-by) VCC = 5V, S = VSS, C = VSS, ORG = VSS or VCC 15 µA VIL Input Low Voltage VCC = 5V ± 10% –0.45 0.8 V VIH Input High Voltage VCC = 5V ± 10% 2 VCC + 1 V VOL Output Low Voltage VCC = 5V, IOL = 2.1mA 0.4 V VOH Output High Voltage VCC = 5V, IOH = –400µA 2.4 V |