Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NEBM-T12W4-R-5-LE4 Datasheet(PDF) 2 Page - Festo Corporation.

No. de pieza NEBM-T12W4-R-5-LE4
Descripción Electrónicos  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

NEBM-T12W4-R-5-LE4 Datasheet(HTML) 2 Page - Festo Corporation.

  NEBM-T12W4-R-5-LE4 Datasheet HTML 1Page - Festo Corporation. NEBM-T12W4-R-5-LE4 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364 zone III
Note on materials
RoHS-compliant
Contamination level
3
Corrosion resistance class (CRC)
0 - No corrosion stress
Material of cable sheath
PVC
Color cable sheath
Black
Housing material
TPE-U(PUR)
Housing colour
Black
Material of screw-type lock
High-alloy stainless steel
Seals material
HNBR
Material of pin contacts
Brass, gold-plated
Insulating sheath material
PVC
5/22/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2