| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BCC03P9 Datasheet(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC03P9 Datasheet(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M415-M323-3F-300-VX8334-030 Order Code: BCC03P9 Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 282782 ETIM 6.0: EC001855 BCC03P9_1.4_2023-03-01 2 / 2 Remarks Cable construction acc. to UL-AWM Style 2517 Silicone-free Flame resistance per IEC 60332-1-2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings I PIN 1: brown PIN 2: not used PIN 3: blue PIN 4: black PIN 5: not used II PIN 1: brown PIN 3: blue PIN 4: black Wiring Diagrams |