Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCC03PL Datasheet(PDF) 2 Page - Balluff Korea Ltd.

No. de pieza BCC03PL
Descripción Electrónicos  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC03PL Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC03PL Datasheet HTML 1Page - Balluff Korea Ltd. BCC03PL Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M425-M313-3F-300-VX8334-050
Order Code: BCC03PL
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 282798
ETIM 6.0: EC001855
BCC03PL_1.2_2023-01-20
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame resistance per IEC 60332-1-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: brown
PIN 2: not used
PIN 3: blue
PIN 4: black
PIN 5: not used
II
PIN 1: brown
PIN 3: blue
PIN 4: black
Wiring Diagrams



Html Pages

1 2