Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BCC0JCF Datasheet(PDF) 1 Page - Balluff Korea Ltd.

No. de pieza BCC0JCF
Descripción Electrónicos  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BALLUFF [Balluff Korea Ltd.]
Página de inicio  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0JCF Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0JCF Datasheet HTML 1Page - Balluff Korea Ltd. BCC0JCF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC E894-E894-90-339-ES64N9-200-C046
Order Code: BCC0JCF
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 255262
ETIM 6.0: EC001855
BCC0JCF_0.84_2023-12-20
1 / 2
Basic features
Application
Ethernet
Approval/Conformity
CE
UKCA
WEEE
Electrical connection
Bending radius min., flexible cable
10 x D
Cable
TPE Shielded royal blue, 20 m,
drag chain compatible
Cable diameter D
6.70 mm ±0.25 mm
Cable, bending cycles min.
10 mil.
Cable, note
Ethernet, CAT 5E
Conductor cross-section
24 AWG
Connection 1
RJ45-Male, straight, 4-pin
Connection 2
RJ45-Male, straight, 4-pin
Number of conductors
4
System
assembled/assembled
Electrical data
Cable rated voltage AC max.
600 V
Cable rated voltage DC max.
600 V
Conductor construction
2x2 twisted-pair
Conductor resistance
≤ 26.0 Ohm/1000 ft
Coupling resistance max.
100 Ohm ±15 Ohm
Operating capacitance
13.5 pF/ft
Operating voltage Ub
42 VDC / 30 VAC
Rated current (40 °C)
1.0 A
Transfer rate
10/100 Mbit/s
Environmental conditions
Cable temperature, flexible routing
-40...80 °C
IP rating
IP20/IP20
Material
Cable jacket material, note
Shielded
Cable jacket, material
TPE
Cable shield
Aluminum foil and copper braid
Material contact carrier
PBT/PBT
Material contacts
Phosphor bronze, gold plated/
Phosphor bronze, gold plated
Material grip
PVC/PVC
Mechanical data
Cable jacket, color
royal blue
Cable length L
20.00 m
Cable properties
drag chain compatible


Número de pieza similar - BCC0JCF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BCC0JC2 BALLUFF-BCC0JC2 Datasheet
103Kb / 2P
Double-Ended Cordsets
2023-07-10
BCC0JC5 BALLUFF-BCC0JC5 Datasheet
146Kb / 2P
Double-Ended Cordsets
2023-12-21
BCC0JC6 BALLUFF-BCC0JC6 Datasheet
109Kb / 2P
Receptacles
0.68_2022-08-08
BCC0JC9 BALLUFF-BCC0JC9 Datasheet
167Kb / 2P
Double-Ended Cordsets
0.8_2022-08-09
BCC0JCA BALLUFF-BCC0JCA Datasheet
150Kb / 2P
Double-Ended Cordsets
2023-12-20
More results

Descripción similar - BCC0JCF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com