Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8280VRB Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

No. de pieza MPC8280VRB
Descripción Electrónicos  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280VRB Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8280VRB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280VRB Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
42
Freescale Semiconductor
Clock Configuration Modes
1100_110
25.0
50.0
6
150.0 300.0
4.5
225.0 450.0
3
50.0
100.0
1100_111
25.0
50.0
6
150.0 300.0
5
250.0 500.0
3
50.0
100.0
1101_000
25.0
50.0
6
150.0 300.0
5.5
275.0 550.0
3
50.0
100.0
1101_001
25.0
50.0
6
150.0 300.0
3.5
210.0 420.0
2.5
60.0
120.0
1101_010
25.0
50.0
6
150.0 300.0
4
240.0 480.0
2.5
60.0
120.0
1101_011
25.0
50.0
6
150.0 300.0
4.5
270.0 540.0
2.5
60.0
120.0
1101_100
25.0
50.0
6
150.0 300.0
5
300.0 600.0
2.5
60.0
120.0
1110_000
25.0
50.0
5
125.0 250.0
2.5
156.3 312.5
2
62.5
125.0
1110_001
25.0
50.0
5
125.0 250.0
3
187.5 375.0
2
62.5
125.0
1110_010
25.0
50.0
5
125.0 250.0
3.5
218.8 437.5
2
62.5
125.0
1110_011
25.0
50.0
5
125.0 250.0
4
250.0 500.0
2
62.5
125.0
1110_100
25.0
50.0
5
125.0 250.0
4
166.7 333.3
3
41.7
83.3
1110_101
25.0
50.0
5
125.0 250.0
4.5
187.5 375.0
3
41.7
83.3
1110_110
25.0
50.0
5
125.0 250.0
5
208.3 416.7
3
41.7
83.3
1110_111
25.0
50.0
5
125.0 250.0
5.5
229.2 458.3
3
41.7
83.3
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a table
entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not violate
the frequency rating of the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency is
determined by the clock mode. For modes with a CPU multiplication factor <= 3, the minimum CPU frequency is 150
MHz for commercial temperature devices and 175 MHz for extended temperature devices. For modes with a CPU
multiplication factor >= 3.5: for Rev0.1 the minimum CPU frequency is 250 MHz; for RevA or later the minimum CPU
frequency is 150 MHz for commercial temperature devices and 175 MHz for extended temperature devices.
2
As shown in Table 15, PCI_MODCK determines the PCI clock range. Refer to Table 19 for higher range configurations.
3
MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4
CPM multiplication factor = CPM clock/PCI clock
5
CPU multiplication factor = Core PLL multiplication factor
Table 20. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com