| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8541PXALF Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8541PXALF Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 84 page ![]() MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4 32 Freescale Semiconductor Local Bus 9.2 Local Bus AC Electrical Specifications Table 30 describes the general timing parameters of the local bus interface of the MPC8541E with the DLL enabled. Table 30. Local Bus General Timing Parameters - DLL Enabled Parameter Configuration 7 Symbol 1 Min Max Unit Notes Local bus cycle time tLBK 6.0 — ns 2 LCLK[n] skew to LCLK[m] or LSYNC_OUT tLBKSKEW — 150 ps 7, 9 Input setup to local bus clock (except LUPWAIT) tLBIVKH1 1.8 — ns 3, 4, 8 LUPWAIT input setup to local bus clock tLBIVKH2 1.7 — ns 3, 4 Input hold from local bus clock (except LUPWAIT) tLBIXKH1 0.5 — ns 3, 4, 8 LUPWAIT input hold from local bus clock tLBIXKH2 1.0 — ns 3, 4 LALE output transition to LAD/LDP output transition (LATCH hold time) tLBOTOT 1.5 — ns 6 Local bus clock to output valid (except LAD/LDP and LALE) LWE[0:1] = 00 tLBKHOV1 — 2.3 ns 3, 8 LWE[0:1] = 11 (default) 3.8 Local bus clock to data valid for LAD/LDP LWE[0:1] = 00 tLBKHOV2 — 2.5 ns 3, 8 LWE[0:1] = 11 (default) 4.0 Local bus clock to address valid for LAD LWE[0:1] = 00 tLBKHOV3 — 2.6 ns 3, 8 LWE[0:1] = 11 (default) 4.1 Output hold from local bus clock (except LAD/LDP and LALE) LWE[0:1] = 00 tLBKHOX1 0.7 — ns 3, 8 LWE[0:1] = 11 (default) 1.6 Output hold from local bus clock for LAD/LDP LWE[0:1] = 00 tLBKHOX2 0.7 — ns 3, 8 LWE[0:1] = 11 (default) 1.6 Local bus clock to output high Impedance (except LAD/LDP and LALE) LWE[0:1] = 00 tLBKHOZ1 — 2.8 ns 5, 9 LWE[0:1] = 11 (default) 4.2 |