| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8272VRM Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VRM Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 60 page ![]() MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5 Freescale Semiconductor 51 Pinout PB18/FCC2_MII_HDLC_RXD3 T253 PB19/FCC2_MII_HDLC_RXD2 P223 PB20/FCC2_MII_HDLC_RMII_RXD1 L253 PB21/FCC2_MII_HDLC_RMII_RXD0/FCC2_TRAN_RXD J263 PB22/FCC2_MII_HDLC_TXD0/FCC2_TRAN_TXD/ FCC2_RMII_TXD0 U233 PB23/FCC2_MII_HDLC_TXD1/FCC2_RMII_TXD1 U263 PB24/FCC2_MII_HDLC_TXD2/L1RSYNCB2 M243 PB25/FCC2_MII_HDLC_TXD3/L1TSYNCB2 M233 PB26/FCC2_MII_CRS/L1RXDB2 H243 PB27/FCC2_MII_COL/L1TXDB2 E253 PB28/FCC2_MII_RMII_RX_ER/FCC2_RTS/TXD1 D263 PB29/FCC2_MII_RMII_TX_EN K213 PB30/FCC2_MII_RX_DV/FCC2_RMII_CRS_DV D243 PB31/FCC2_MII_TX_ER E233 PC0/DREQ3/BRGO7/SMSYN1/L1CLKOA2 AF233 PC1/BRGO6/L1RQA2 AD233 PC4/SMRXD1/SI2_L1ST4/FCC2_CD AB223 PC5/SMTXD1/SI2_L1ST3/FCC2_CTS AE243 PC6/FCC1_CD/SI2_L1ST2 FCC1_UT_RXADDR2 AF243 PC7/FCC1_CTS FCC1_UT_TXADDR2 AE263 PC8/CD4/RTS1/SI2_L1ST2/CTS3 AC243 PC9/CTS4/L1TSYNCA2 AA233 PC10/CD3/USB_RN AB253 PC11/CTS3/USB_RP/L1TXD3A2 V223 PC12 FCC1_UT_RXADDR1 AA263 PC13/BRGO5 FCC1_UT_TXADDR1 V233 PC14/CD1 FCC1_UT_RXADDR0 W243 PC15/CTS1 FCC1_UT_TXADDR0 U243 PC16/CLK16 T233 PC17/CLK15/BRGO8/DONE2 T263 Table 20. Pinout (continued) Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 only |