Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VRM Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

No. de pieza MPC8275VRM
Descripción Electrónicos  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8275VRM Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8275VRM Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8275VRM Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
41
Clock Configuration Modes
0111_000
25.0
50.0
6
150.0 300.0
2
150.0 300.0
2
75.0
150.0
0111_001
25.0
50.0
6
150.0 300.0
2.5
187.5 375.0
2
75.0
150.0
0111_010
25.0
50.0
6
150.0 300.0
3
225.0 450.0
2
75.0
150.0
0111_011
25.0
50.0
6
150.0 300.0
3.5
262.5 525.0
2
75.0
150.0
1000_000
Reserved
1000_001
25.0
50.0
6
150.0 300.0
2.5
150.0 300.0
2.5
60.0
120.0
1000_010
25.0
50.0
6
150.0 300.0
3
180.0 360.0
2.5
60.0
120.0
1000_011
25.0
50.0
6
150.0 300.0
3.5
210.0 420.0
2.5
60.0
120.0
1000_100
25.0
50.0
6
150.0 300.0
4
240.0 480.0
2.5
60.0
120.0
1000_101
25.0
50.0
6
150.0 300.0
4.5
270.0 540.0
2.5
60.0
120.0
1001_000
Reserved
1001_001
Reserved
1001_010
Reserved
1001_011
25.0
50.0
8
200.0 400.0
4
200.0 400.0
4
50.0
100.0
1001_100
25.0
50.0
8
200.0 400.0
4.5
225.0 450.0
4
50.0
100.0
1010_000
Reserved
1010_001
25.0
50.0
8
200.0 400.0
3
200.0 400.0
3
66.7
133.3
1010_010
25.0
50.0
8
200.0 400.0
3.5
233.3 466.7
3
66.7
133.3
1010_011
25.0
50.0
8
200.0 400.0
4
266.7 533.3
3
66.7
133.3
1010_100
25.0
50.0
8
200.0 400.0
4.5
300.0 600.0
3
66.7
133.3
1011_000
Reserved
1011_001
25.0
50.0
8
200.0 400.0
2.5
200.0 400.0
2.5
80.0
160.0
1011_010
25.0
50.0
8
200.0 400.0
3
240.0 480.0
2.5
80.0
160.0
1011_011
25.0
50.0
8
200.0 400.0
3.5
280.0 560.0
2.5
80.0
160.0
1011_100
25.0
50.0
8
200.0 400.0
4
320.0 640.0
2.5
80.0
160.0
1100_101
25.0
50.0
6
150.0 300.0
4
200.0 400.0
3
50.0
100.0
Table 20. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80