Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8271CVRP Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

No. de pieza MPC8271CVRP
Descripción Electrónicos  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8271CVRP Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8271CVRP Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8271CVRP Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
56
Freescale Semiconductor
Ordering Information
10 Ordering Information
Figure 15 provides an example of the Freescale part numbering nomenclature for the MPC8272. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact a local Freescale sales office.
Figure 15. Freescale Part Number Key
Product Code
Device Number
Package
Die Revision Level
MPC 82XX C VR XXX X
Temperature Range
Blank = 0 to 105 °C
C = -40 to 105 °C
ZQ = 516 PBGA (lead spheres)
VR = 516 PBGA (no lead spheres)
B = 66
E = 100
I = 200
M = 266
P = 300
T = 400
CPU/CPM/Bus Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60