| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ALQ2-DFDFB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
ALQ2-DFDFB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc. |
|
1 / 2 page ![]() L-com, Inc. 50 High St., West Mill, 3 rd Floor, Suite #30 North Andover, MA 01845 www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484 © L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks. 7/16 DIN Female to Female Bulkhead Quarter Wave Lightning Surge Protector Model: ALQ2-DFDFB Applications • Protect wireless devices and networks from damage due to lightning strikes • Broadband wireless systems • Protection Distributed Antenna Systems (DAS) • Cellular band applications Features • Broadband protection – 800-2250 MHz • Bi-directional, can be used in the transmit & receive paths • No gas tube to replace • Multi-strike capability • High quality construction Description The ALQ2-DFDFB is a Broadband 1/4 Wave DC-Short suppressor designed for 800-2250 MHz applications. This unit is designed to pass the desired frequency while suppressing lightning surges. The ALQ2-DFDFB functions like a signal filter, operating within 800-2250 MHz. Lightning strike electrical surges which operate at low frequencies (outside the ALQ2-DFDFB operating range) are diverted through the protector’s short-circuit to the ground. The unit’s non-gas tube design, multi-strike capability and fast response time make it suitable for a wide range of applications. A ground lug is provided directly on the lightning protector’s housing, which allow for superior grounding. Both connector ports of this suppressor are equally protected. This provides equal protection no matter which way it is installed. The ALQ2-DFDFB features a 7/16 DIN Female Bulkhead connector with a rubber o-ring seal for mounting through an enclosure wall or panel. |
Número de pieza similar - ALQ2-DFDFB |
|
Descripción similar - ALQ2-DFDFB |