Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SDR625CT/CA Datasheet(PDF) 2 Page - Solid States Devices, Inc

No. de pieza SDR625CT/CA
Descripción Electrónicos  40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR625CT/CA Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR625CT/CA Datasheet HTML 1Page - Solid States Devices, Inc SDR625CT/CA Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CT/CA
thru
SDR626CT/CA
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 10Adc, Pulse)
(IF = 20Adc, Pulse)
TA = 25 ºC
TA = 25 ºC
VF1
VF2
1.45
1.65
VDC
Instantaneous Forward Voltage Drop
(IF = 10Adc, Pulse)
TA = 100 ºC
TA = -55 ºC
VF3
VF4
1.35
1.55
VDC
Reverse Leakage Current
(100% of rated VR, Pulse)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
50
5
µA
m
Α
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
trr
35
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
150
pF
PIN ASSIGNMENT
Configuration
Pin 1
Pin 2
Pin 3
Common Cathode
Anode 1
Cathode
Anode 2
Configuration
Pin 4
Pin 5
Pin 6
Common Anode
Cathode 1
Anode
Cathode 2
TO-259-6
Outline:
Tolerances
Unless Specified-
.XX
± .020”
.XXX ± .010”
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0231G
DOC



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com