Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B63399-B5 Datasheet(PDF) 2 Page - EPCOS

No. de pieza B63399-B5
Descripción Electrónicos  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B5 Datasheet(HTML) 2 Page - EPCOS

  B63399-B5 Datasheet HTML 1Page - EPCOS B63399-B5 Datasheet HTML 2Page - EPCOS B63399-B5 Datasheet HTML 3Page - EPCOS B63399-B5 Datasheet HTML 4Page - EPCOS B63399-B5 Datasheet HTML 5Page - EPCOS B63399-B5 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
353 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,26
52
202
—
10 600
0,25
53,5
213
173
11 400
mm–1
mm
mm2
mm2
mm3
m
57
59,5
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
N48
250
± 2 %
1,20
52
B65611-+250-G48
400
± 2 %
0,62
83
B65611-+400-G48
630
± 3 %
0,35
130
B65611-+630-A48
1000
± 3 %
0,22
207
B65611-+1000-A48
Material
AL value
nH
µe
Ordering code
-D with center hole
-W without center hole
N26
7600 + 30/– 20 %
1570
B65611-D-R26
N30
15200 + 30/– 20 %
3020
B65611-W-R30
FPK0270-9
1
26 _
ø5,4+0,3
0,4
ø16,2 _
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65611
Core
P 36
× 22



Html Pages

1 2 3 4 5 6