Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PJ-065B Datasheet(PDF) 2 Page - CUI Devices

No. de pieza PJ-065B
Descripción Electrónicos  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUID [CUI Devices]
Página de inicio  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-065B Datasheet(HTML) 2 Page - CUI Devices

  PJ-065B Datasheet HTML 1Page - CUI Devices PJ-065B Datasheet HTML 2Page - CUI Devices PJ-065B Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/30/2019
│ page 2 of 3
CUI Devices
│ SERIES: PJ-065X │ DESCRIPTION: DC POWER JACK
cuidevices.com
3.80 0.150
1.100.043
(3 PLCS)
3.90 0.154
3.80 0.150
5.70 0.224
0.10
0.30 0.012
2.10 0.083
10.10 0.398
8.10 0.319
5/16X32W
1.20X2.60
(3 PLCS) ±0.20
0.307
7.80
0.20
0.10
0.110
(3 PLCS)
0.20
8.00 0.315
0.598
0.20
0.106
15.20
2.70
2.80
10.40 0.409
0.20
2
11.00 0.433
0.10
1
3
10.00 0.394
5/16x32W
refer to
schematic
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
nickel
terminal 1
brass
silver
terminal 2
phosphor bronze silver
terminal 3
brass
silver
bushing
brass
nickel
insulator
red vulcanite fiber
plastic
PBT
nut
brass
nickel
washer
steel
nickel
units: mm[inches]
TOLERANCE:
±0.3mm (unless otherwise specified)
MATING PLUG
Jack Insertion Depth: 10.7mm
Schematic
Model
Center Pin
PJ-065A
ø2.0 mm
PJ-065B
ø2.5 mm
3
2
1
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com