| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC26C92 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC26C92 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 31 page ![]() Philips Semiconductors Product specification SC26C92 Dual universal asynchronous receiver/transmitter (DUART) 2000 Jan 31 25 tTXD tTCS 1 BIT TIME (1 OR 16 CLOCKS) TxD TxC (INPUT) TxC (1X OUTPUT) SD00138 Figure 8. Transmitter External Clocks tRXS tRXH RxC (1X INPUT) RxD SD00139 Figure 9. Receiver External Clock TRANSMITTER ENABLED TxD D1 D2 D3 D4 D6 BREAK TxRDY (SR2) WRN D1 D8 D9 D10 D12 START BREAK STOP BREAK D11 WILL NOT BE WRITTEN TO THE TxFIFO CTSN1 (IP0) RTSN2 (OP0) OPR(0) = 1 OPR(0) = 1 NOTES: 1. Timing shown for MR2(4) = 1. 2. Timing shown for MR2(5) = 1. SD00155 Figure 10. Transmitter Timing |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |