Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SHM25FSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

No. de pieza SHM25FSMS
Descripción Electrónicos  50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM25FSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHM25FSMS Datasheet HTML 1Page - Solid States Devices, Inc SHM25FSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Número de pieza similar - SHM25FSMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SHM25F SSDI-SHM25F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM25F SSDI-SHM25F Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Descripción similar - SHM25FSMS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Solid States Devices, I...
SDRS614 SSDI-SDRS614 Datasheet
25Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDRS614LL SSDI-SDRS614LL Datasheet
29Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SHM15 SSDI-SHM15 Datasheet
216Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM15SMS SSDI-SHM15SMS Datasheet
224Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM15F SSDI-SHM15F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM15UF SSDI-SHM15UF Datasheet
223Kb / 2P
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
SHM15UFSMS SSDI-SHM15UFSMS Datasheet
236Kb / 2P
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
logo
Micro Commercial Compon...
R4000 MCC-R4000 Datasheet
221Kb / 2P
200 mA High Voltage Silicon Rectifier 4000 to 5000 Volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com