Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WSI10040L-R56M Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

No. de pieza WSI10040L-R56M
Descripción Electrónicos  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040L-R56M Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  WSI10040L-R56M Datasheet HTML 1Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI10040L-R56M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 1 -
●FEATURE
1.
High performance (Isat) realized by metal dust core.
2.
Low loss realized with low DCR
3.
Capable of corresponding high frequency
4.
Operating Temperature: -40 ~ +125℃
5.
Compliant with AEC-Q200
●APPLICATION
Arrays (FPGA), POL Converters, Portable Power Like PDA, Digital
Camera, Mainboards, Graphic Cards, CPU, RAM, Battery Powered
Devices
●ORDERING INFORMATION
WSI
04015
U
-1R0
M
Q
Series
Dimension
(L*W*H)
Material code
(J,M,E,W,L)
Impedance
(Ω)
Tolerance
M=±20%
AEC-Q
●SHAPE AND DIMENSION


Número de pieza similar - WSI10040L-R56M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
WSI10040L-R56M AITSEMI-WSI10040L-R56M Datasheet
661Kb / 17P
WIRE WOUND SMD INDUCTOR
REV1.1
WSI10040L-R56M AITSEMI-WSI10040L-R56M Datasheet
661Kb / 17P
WIRE WOUND SMD INDUCTOR
REV1.1
WSI10040L-R56M AITSEMI-WSI10040L-R56M Datasheet
661Kb / 17P
WIRE WOUND SMD INDUCTOR
REV1.1
WSI10040L-R56M AITSEMI-WSI10040L-R56M Datasheet
661Kb / 17P
WIRE WOUND SMD INDUCTOR
REV1.1
WSI10040L-R56M AITSEMI-WSI10040L-R56M Datasheet
661Kb / 17P
WIRE WOUND SMD INDUCTOR
REV1.1
More results

Descripción similar - WSI10040L-R56M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSF AITSEMI-WSF Datasheet
464Kb / 15P
WIRE WOUND SMD INDUCTOR
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSM AITSEMI-WSM Datasheet
272Kb / 3P
WIRE WOUND SMD INDUCTOR
WSS AITSEMI-WSS Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com