| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WSI10040L-R36M Datasheet(PDF) 13 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI10040L-R36M Datasheet(HTML) 13 Page - AiT Semiconductor Inc. |
|
13 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 13 - Care Note for Use: (1) Storage Condition: Temperature 25 to 35℃, Humidity 45 to 60% RH (2) Use Temperature: a. Minimum Temperature: -40℃ Ambient temperature of this product. b. Maximum Temperature: +125℃ The value of temperature including ambient and temperature rise of this product. c. Reliability test temperature range from -40 ~ +125℃ d. However, this is not meant as temperature grade guarantee for UL. (3) Model: When this product was used in a similar or as new product to the original one, sometimes it might be unable to satisfy the specifications due to difference in condition of usage. (4) Drop: If this product suffered mechanical stress such as drop, characteristics may become poor ( due to damage on coil / bobbin / ferrite … etc. ) Never use such stressed product. Care Note for Safety: (1) Provision to Abnormal Condition: This product itself does not have any protective function in abnormal condition such as overload, short- circuit and open-circuit conditions, etc. Therefore, it shall be confirmed from the end product that there is no risk of smoking, fire, dielectric withstand voltage insulation resistance, etc. in abnormal conditions to provide protective devices and /or protection circuit in the end product. (2) Temperature Rise: Temperature rise on this product depends on the installation condition on end products. It shall be confirmed on the actual end product that temperature rise of this product is within the specified temperature class limit. (3) Dielectric Strength: Dielectric withstanding test with higher voltage than specific value will damage insulating material and shorten its life. (4) Water: This product must not be used in wet condition resulted from water, coffee or any liquid contact because insulation strength becomes very low under such condition. (5) Potting: If this product is potted in some compound, coating material of magnet wire might be occasionally damaged. Please ask us if you intend to pot this product. (6) Detergent: Please consult AiT Semi immediately once under such circumstances because product reliability confirmation etc. is needed when this product come in contact with these chemicals. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |