| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZDP323B3 Datasheet(PDF) 4 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZDP323B3 Datasheet(HTML) 4 Page - Zilog, Inc. |
|
4 / 26 page ![]() ZDP323B Series Digital PIR Sensor Product Specification ____________________________________________________________________________ PS041703-0324 - Preliminary Page 1 1 Overview Zilog’s ZDP323B series of Digital Passive Infrared (DPIR) sensors combines a dual element PIR sensor with all necessary signal processing and an I2C communication interface to provide a fully integrated motion sensor, delivering high performance and excellent EMI immunity for the most demanding motion detection applications. The device is a dual element, balanced differential (series-opposed type) sensor that comes in a 4-pin TO-5 nickel-plated metal can. The sensing elements are placed behind a spectral filter window tuned to 8-13µm wavelength to help block out unwanted IR energy sources. Communication is supported over an I2C interface and signal processing is performed digitally with programmable gain, bandwidth, and detection thresholds. The ZDP323B DPIR sensor should be used in combination with a passive infrared lens. 1.1 Features • Dual-element balanced differential (series opposed) PIR sensor • Integrated signal processing with programmable filter/gain profiles • Programmable thresholds • I2C interface with trigger output mode • Up to 4 devices can be supported on a single I2C bus • 10-bit addressing, or General Call supported • Elements are 0.75mm x 2.3mm spaced 0.6mm apart • Wide Field of View: 148 x 136 • Standard 4-pin metal TO-5 package • Wide operating voltage range of 1.8V to 5.5V • 3µA operating current • Operating temperature range of -40C to +80C 1.2 Applications • Video Doorbell • IP Camera • HVAC Control • Home Appliances • Lighting Control • Proximity Detection |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |