| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZDP323B3 Datasheet(PDF) 21 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZDP323B3 Datasheet(HTML) 21 Page - Zilog, Inc. |
|
21 / 26 page ![]() ZDP323B Series Digital PIR Sensor Product Specification ____________________________________________________________________________ PS041703-0324 - Preliminary Page 18 15.3 I2C Interface Table 8 - I2C Interface Symbol Parameter Specification Units Standard Mode Fast Mode Min. Max. Min. Max. FSCL SCL Clock Frequency 0 100 0 400 KHz TLOW:SCL SCL Low Time 4.7 - 1.3 - µs THIGH:SCL SCL High Time 4.0 - 0.6 - µs THOLD:START Hold time for Repeated START condition 4.0 - 0.6 - µs TSU:START Set-up time for repeated START condition 4.7 - 0.6 - µs THOLD:DATA Data hold time 0(3) 3.45(4) 0(3) 0.9(4) µs TSU:DATA Data set-up time 250 - 100 - ns TSU:STOP Set-up time for STOP condition 4.0 - 0.6 - µs TR Rise time of both SDA and SCL signals - 1000 20 300 ns TF Fall time of both SDA and SCL signals - 300 - 300 ns TBUF Bus free time between a STOP and START condition 4.7 - 1.3 - µs CB Capacitive load for each bus line 400(2) 400(2) pF Notes: (1) The I2C bus specifications in Table 8 are based on the VDD and GND level within the supply voltage range. (2) CB is total capacitance of one bus line. (3) A device must internally provide a hold time of at least 300nsec. For the SDA signal to bridge the undefined region of the falling edge of SCL. (4) The maximum THOLD:DATA has only to be met if the device does not stretch the Low period (TLOW:SCL) of the SCL signal. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |