| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLL620-06OCLR Datasheet(PDF) 4 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL620-06OCLR Datasheet(HTML) 4 Page - PhaseLink Corporation |
|
4 / 8 page ![]() PLL620-05/-06/-07/-08/-09 Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal) Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 4 4. Jitter Specifications PARAMETERS CONDITIONS MIN. TYP. MAX. UNITS Period jitter RMS 2.5 Period jitter peak-to-peak At 155.52MHz, with capacitive decoupling between VDD and GND. Over 10,000 cycles 18.5 20 ps Accumulated jitter RMS 2.5 Accumulated jitter peak-to-peak At 155.52MHz, with capacitive decoupling between VDD and GND. Over 1,000,000 cycles. 24 27 ps Random Jitter “RJ” measured on Wavecrest SIA 3000 2.5 ps Integrated jitter RMS at 155MHz Integrated 12 kHz to 20 MHz 0.3 0.4 ps Period jitter RMS 11 Period jitter peak-to-peak At 622.08MHz, with capacitive decoupling between VDD and GND. Over 10,000 cycles 45 49 ps Accumulated jitter RMS 11 Accumulated jitter peak-to-peak At 622.08MHz, with capacitive decoupling between VDD and GND. Over 1,000,000 cycles. 24 27 ps Random Jitter “RJ” measured on Wavecrest SIA 3000 3 ps Integrated jitter RMS at 622MHz Integrated 12 kHz to 20 MHz 1.6 1.8 ps 5. Phase Noise Specifications PARAMETERS FREQUENCY @10Hz @100Hz @1kHz @10kHz @100kHz UNITS 155.52MHz -75 -95 -125 -140 -145 Phase Noise relative to carrier 622.08MHz -75 -95 -110 -125 -120 dBc/Hz 6. CMOS Electrical Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS IOH VOH= VDD-0.4V, VDD=3.3V 30 mA Output drive current (High Drive) IOL VOL = 0.4V, VDD = 3.3V 30 mA IOH VOH= VDD-0.4V, VDD=3.3V 10 mA Output drive current (Standard Drive) IOL VOL = 0.4V, VDD = 3.3V 10 mA Output Clock Rise/Fall Time (Standard Drive) 0.3V ~ 3.0V with 15 pF load 2.4 Output Clock Rise/Fall Time (High Drive) 0.3V ~ 3.0V with 15 pF load 1.2 ns * Note: High Drive CMOS is available on PLL620-06 through DRIVSEL selector input on pin 12. |