Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2704 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC2704
Descripción Electrónicos  Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2704 Datasheet(HTML) 5 Page - Linear Technology

  LTC2704 Datasheet HTML 1Page - Linear Technology LTC2704 Datasheet HTML 2Page - Linear Technology LTC2704 Datasheet HTML 3Page - Linear Technology LTC2704 Datasheet HTML 4Page - Linear Technology LTC2704 Datasheet HTML 5Page - Linear Technology LTC2704 Datasheet HTML 6Page - Linear Technology LTC2704 Datasheet HTML 7Page - Linear Technology LTC2704 Datasheet HTML 8Page - Linear Technology LTC2704 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC2704
2704f
TI I G CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The notation V+ is used to denote both V+1 and V+2 when the same
voltage is applied to both pins.
Note 3: Guaranteed by design, not subject to test.
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2704-16
Integral Nonlinearity (INL)
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768
2704 G01
–0.6
0.6
0.8
0.2
49152
65535
V+/V=
±15V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768
2704 G02
–0.6
0.6
0.8
0.2
49152
65535
V+/V=
±15V
VREF = 5V
±10V RANGE
VREF (V)
–10
0.2
0.6
1.0
6
2704 G03
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
–6
–8
–2
–4
24
8
0
10
V+/V=
±15V
±5V RANGE
MAX
MAX
MIN
MIN
Differential Nonlinearity (DNL)
INL vs VREF
Note 4: Measured in unipolar 0V to 5V mode.
Note 5: When using SRO, maximum SCK frequency fMAX is limited by
SRO propagation delay as follows:
f
tt
MAX
S
=
+
()
1
2 9
, where ts is the setup time of the receiving
device.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t11
LDAC Pulse Width
15
ns
t12
CLR Low to RFLAG Low
CLOAD = 10pF (Note 3)
50
ns
t13
CS/LD High to RFLAG High
CLOAD = 10pF (Note 3)
40
ns
SCK Frequency
50% Duty Cycle (Note 5)
40
MHz
VDD = 2.7V to 3.3V
t1
SDI Valid to SCK Setup
9ns
t2
SDI Valid to SCK Hold
9ns
t3
SCK High Time
15
ns
t4
SCK Low Time
15
ns
t5
CS/LD Pulse Width
12
ns
t6
LSB SCK High to CS/LD High
0ns
t7
CS/LD Low to SCK Positive Edge
12
ns
t8
CS/LD High to SCK Positive Edge
12
ns
t9
SRO Propagation Delay
CLOAD = 10pF
26
ns
t10
CLR Pulse Width
90
ns
t11
LDAC Pulse Width
20
ns
t12
CLR Low to RFLAG Low
CLOAD = 10pF
70
ns
t13
CS/LD High to RFLAG High
CLOAD = 10pF
60
ns
SCK Frequency
50% Duty Cycle (Note 5)
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com