Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLT8H Datasheet(PDF) 1 Page - PANDUIT CORP.

No. de pieza PLT8H
Descripción Electrónicos  Cable Tie, 8.1", Light-Heavy cross section
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT8H Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLT8H Datasheet HTML 1Page - PANDUIT CORP. PLT8H Datasheet HTML 2Page - PANDUIT CORP. PLT8H Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLT2H-L0
q
• Greater resistance to damage caused by ultraviolet light – indoor or outdoor use
• Versatile cable ties can be used in countless applications
• One-piece construction for consistent performance and reliability
• Lowest threading force of any one-piece cable tie in the industry
• Curved tip on Standard cross section is easy to pick up from flat surfaces and allows faster
initial threading to speed installation. Light-Heavy and Heavy cross section is a straight tip design
Part Number
PLT2H-L0
RoHS Compliancy Status
Compliant
Part Description
Cable Tie, 8.1", Light-Heavy cross section
Product Type
Cable Ties
Material
Weather Resistant Nylon 6.6
Color
Black
CSA Certified
No
UL Listed (File #E56854)
No
UL Recognized (File #E56854)
No
Length (In.)
8.1
Length (mm)
206
Width (In.)
.300
Width (mm)
7.6
CE Compliant
Yes
Cross Section
Light-Heavy
Head Height (In.)
.290
Head Height (mm)
7.4
Head Width (In.)
.480
Head Width (mm)
12.2
Locking Style
Locking
Material Flammability Rating
UL 94-HB
Max. Bundle Diameter (In.)
2.00
Max. Bundle Diameter (mm)
51
Max. Continuous Use Temperature 185°F (85°C)
Min. Loop Tensile Strength (Lbs.)
120
Min. Loop Tensile Strength (N)
534


Número de pieza similar - PLT8H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
PLT8H PANDUIT-PLT8H Datasheet
140Kb / 1P
PAN-TY CABLE TIES - PLT SERIES
12-27-84
PLT8H-C PANDUIT-PLT8H-C Datasheet
140Kb / 1P
PAN-TY CABLE TIES - PLT SERIES
12-27-84
PLT8H-C PANDUIT-PLT8H-C Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
PLT8H-C0 PANDUIT-PLT8H-C0 Datasheet
140Kb / 1P
PAN-TY CABLE TIES - PLT SERIES
12-27-84
PLT8H-C30 PANDUIT-PLT8H-C30 Datasheet
93Kb / 1P
Pan-Ty ® Cable Ties – Nylon 6.6
More results

Descripción similar - PLT8H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richco, Inc.
FTH-17-8-01 RICHCO-FTH-17-8-01 Datasheet
40Kb / 1P
TIE HOLDER, HEAVY DUTY
logo
PHOENIX CONTACT
0442011 PHOENIX-0442011 Datasheet
70Kb / 5P
Ground terminal block with screw connection, cross section
0443065 PHOENIX-0443065 Datasheet
77Kb / 5P
Ground modular terminal block, Screw connection, Cross section
0461018 PHOENIX-0461018 Datasheet
155Kb / 12P
Double-level terminal block, Cross section
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
logo
Molex Electronics Ltd.
53261-0690 MOLEX-53261-0690 Datasheet
349Kb / 5P
1.25 W-TO-B CONN. MATING CROSS SECTION
logo
List of Unclassifed Man...
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
PANDUIT CORP.
MLTFC4H-LP316 PANDUIT-MLTFC4H-LP316 Datasheet
219Kb / 1P
METAL LOCKING TIE - COATED HEAVY SERIES
logo
Weidmuller
7940022563 WEIDMULLER-7940022563 Datasheet
333Kb / 8P
W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com