Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PL75-7 Datasheet(PDF) 54 Page - Emerson Network Power

No. de pieza PL75-7
Descripción Electrónicos  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMERSON-NETWORKPOWER [Emerson Network Power]
Página de inicio  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-7 Datasheet(HTML) 54 Page - Emerson Network Power

Back Button PL75-7 Datasheet HTML 50Page - Emerson Network Power PL75-7 Datasheet HTML 51Page - Emerson Network Power PL75-7 Datasheet HTML 52Page - Emerson Network Power PL75-7 Datasheet HTML 53Page - Emerson Network Power PL75-7 Datasheet HTML 54Page - Emerson Network Power PL75-7 Datasheet HTML 55Page - Emerson Network Power PL75-7 Datasheet HTML 56Page - Emerson Network Power PL75-7 Datasheet HTML 57Page - Emerson Network Power PL75-7 Datasheet HTML 58Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
52
Example:
*JS - 52 D3SF7 / (U)BJ28
Panel Type - Table A, Col 2
Mounting Hole - Table B, Col. 1
Jack Type - Table B, Col. 3/4 (“U” designates 75Ω)
*JS
- Non-Insulated Panel (Open notch)
*JSI
- Insulated panel (Closed notch)
The 19" panels listed in Table A below accommodate the bulkhead
jacks designated by a "•" in Panel Columns A- M of Table B to the
right. For panel specifications: See page 51-54.
Ordering Loaded Distribution Panels
Distribution Panels
VERTICAL
HOLE
SPACING
HEIGHT
D MOUNTING HOLES
19.00
GENERIC DISTRIBUTION PANEL
NUMBER OF HOLES
HORIZONTAL HOLE SPACING
Table B: Jack/Panel Compatibility
Patching Products / Cable Distribution Panels
MtgHole
75Ω
Jacks: 2/3/4Lug
Threaded
DD4
U
AD 95
DD4
U
ADI 95
D5SF5
U
BJ 20
D3SF6
U
BJ 21
D2SF3
U
BJ 26
D8SF12
U
BJ 26GF
D3SF7
U
BJ 27
D3SF7
U
BJ 28/BJ24
D8SF11
U
BJ 28GF
D2SF3
U
BJ 29-6Largebody
D3
UBJ 29
D5SF5
BJ 30
BJ330
D3
BJ 31
BJ331
D3
BJ 32
BJ332
D3SF8
BJ 38
BJ388
D3
BJ 39
BJ339
D5SF5
U
BJ 40
D3SF6
U
BJ 41
D2SF3
U
BJ 46
D8SF12
U
BJ 46GF
D3SF7
U
BJ 47
D3SF7
U
BJ 48
D8SF11
U
BJ 48GF
D2SF3
U
BJ 49-6Largebody
D3
UBJ 49
D6
BJ 50/FL
BJ350
D4SF2
BJ 57/FL
BJ357
D5SF9
BJ 58/FL
D4SF4
BJ 59/FL
BJ359
D2SF8
BJ 72/TL/FL
BJ372
D2SF8
BJ 73/TL/FL
BJ373
D2SF24
BJ 74/TL/FL
BJ374
D2SF24
BJ 74C/TL/FL
BJ374C
D2SF24
BJ 75/TL/FL
BJ375
D4SF25
BJ 77/TL/FL
BJ377
D3SF13
BJ 78/TL/FL
BJ378
D3SF15
BJ 79/TL/FL
BJ379
D3SF15
BJ 79C/TL/FL
BJ379C
D1SF1
BJ 80,BJ803
BJ380
D1
BJ 83,BJ833
BJ383
D1
BJ 88,BJ883
BJ388
MtgHole
75Ω
Jacks: 2/3/4Lug
Threaded
D11
BJ 89
BJ389
DD6
BJ 89,BJ893
BJ389
DD1
U
BJ 95LargeBody
DD4
U
BJ 95
DD4
U
BJ 96
DD4
U
BJ 98
D2SF3
BJ101
D2SF3
BJ102
DD2SF14
BJ130
DD2SF30
BJ138
DD2SF30
BJ139
D4
BJ150/FL
BJ3150
D9
BJ152/FL
BJ3152
D9SF12
BJ153/FL
BJ3153
D9SF12
BJ154/FL
BJ3154
D9SF12
BJ154AC/FL
BJ3154AC
D6
BJ157/FL
BJ3157
D5SF9
BJ158/FL
D4SF4
BJ159/FL
BJ3159
D4SF4
BJ159AC/FL
BJ3159AC
D2SF3
U
BJ226
D8SF12
U
BJ226GF
D3
U
BJ229
D2SF3
U
BJ246
D8SF12
U
BJ246GF
D3
BJ249
D4SF9
-
BJ358
DD8
BJ450
BJ3450
DD8
BJ457
BJ3457
DD8SF31
BJ459
BJ3459
D11
BJ893Largebody
D3SF7
U
BJ2848
Rearmount
D4SF9
-
BJ3158
D3SF7
U
BJ4828
Rearmount
D9SF12
CBJ155/FL/BJ155
BJ3155
D5SF10
U
J 95
D4SF25
J152FLFT
D4SF25
J152FT
J3152FT
DD5SF6
PL122
DD8SF31
TBJ451/FL
Panel Type
# of Holes
Panel Height
Hole Spacing
- Horiz.
Hole Spacing
- Vert.
JS(I)-12
12
1.75"
1.430"
--
JS(I)-16
16
1.75"
1.000"
--
JS(I)-20
20
1.75"
0.830"
--
JS(I)-24S
24
1.75"
0.723"
--
JS(I)-24W
24
3.50"
1.430"
1.000"
JS(I)-32
32
3.50"
1.000"
1.000"
JS(I)-40
40
3.50"
0.875"
0.875"
JS(I)-40W
40
3.50"
0.830"
1.000"
JS(I)-52
52
3.50"
0.675"
1.000"
JS(I)-24
24
5.20"
1.450"
2.250"
Table A: Panels
Note:
Panels are 19" Insulated or Non-Insulated Standard Gray Aluminum. See chart on the right for
loaded panel ordering.
“D” hole specifications are on page 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com