Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P9-533211 Datasheet(PDF) 2 Page - OTTO Engineering, Inc

No. de pieza P9-533211
Descripción Electrónicos  Sealed dome pushbutton switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OTTO [OTTO Engineering, Inc]
Página de inicio  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

P9-533211 Datasheet(HTML) 2 Page - OTTO Engineering, Inc

  P9-533211 Datasheet HTML 1Page - OTTO Engineering, Inc P9-533211 Datasheet HTML 2Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
sealed dome pushbuttons
dome
pushbuttons
p9
133 otto full line catalog
specifications subject to change without notice
choice of snap-action & shorting bar action
ORDERING INFORMATION:
Select the OTTO P9 series features that
match your specific application. Standard
and special features are shown at right.
Specify your choice by building the OTTO
Part Number code.
Example: P9-211121 specifies raised
dome style button, threaded case, solder
terminals, N.O. circuit form, standard snap-
action, black case/bezel, red button.
0.110” Quick Connect Detail
15/32-32 UNRS-2A
THD to within 0.062
of shoulder
Component Side
P.C. Mounting Pattern
(As viewed from switch bottom)
Button & Case Style***
Terminal Style Circuit
Form
Switch Action
Case/
Bezel Color
Button
Color
1. Flush Dome & Threaded Case, Std. Finish
2. Raised Dome & Threaded Case, Std. Finish
3. Flush Dome & Snap-In Case, Std. Finish
4. Raised Dome & Snap-In Case, Std. Finish
5. Flush Dome & Threaded Case, Matte Finish
6. Raised Dome & Threaded Case, Matte Finish
7. Flush Dome & Snap-In Case, Matte Finish
8. Raised Dome & Snap-In Case, Matte Finish
1. Solder
2. PC Pin
3. 0.110”
Quick Connect
1. N.O.
2. N.C. ➀
3. 2 Circuit ➀
1. Standard Snap-Action
2. Low Force Snap-Action
3. Non-Snap Shorting Bar
1. Red
2. Black
3. Orange**
4. Yellow**
5. Green**
6. Blue**
7. Violet**
8. Gray**
9. White
1. Red
2. Black
3. Orange
4. Yellow
5. Green
6. Blue
7. Violet
8. Gray
9. White
P9 PART NUMBER CODE
P9 – X X X X X X *
➀
Not available in Shorting Bar version.
* Add “W” suffix for watertight to IP68S (will include panel gasket)
** Contact factory for minimum requirement.
*** Contact factory for std./matte button/case combination options.
• Snap-in case allows front panel mounting into 0.024” or 0.118” thick
panels using panel gasket 401669 or into 0.031” and 0.125” thick panels
• 0.110” Quick Connect terminals allow reliable, solderless wire connections
• Flush Neoprene Black Boot P/N 402339
• Raised Neoprene Black Boot P/N 402246
• Flush Silicone Translucent Boot P/N 402599-1
• Raised Silicone Translucent Boot P/N 402611-1
* Must use panel gasket 401669 supplied with the switch.
Recommended Panel Openings
*Panel Thickness
Recommended 0
DIM. Across D-Flat
0.024*
0.505
0.460
0.031
0.505
0.460
0.118*
0.505
0.460
0.125
0.505
0.460
15/32-32 UNRS-2A
THD to within 0.062
of shoulder
Raised Dome Button Style
Snap-In Case
(PC Terminals Shown)
Flush Dome Button Style
Solder Terminals
(Terminals not
orientated to flat)
Threaded Case
PC Pin
(Orientated to case
flats as shown)
Snap-In Case
NC
NO
NC
NO



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com