Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P5-D215212 Datasheet(PDF) 1 Page - OTTO Engineering, Inc

No. de pieza P5-D215212
Descripción Electrónicos  ALTERNATE ACTION PUSHBUTTONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OTTO [OTTO Engineering, Inc]
Página de inicio  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

P5-D215212 Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  P5-D215212 Datasheet HTML 1Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALTERNATE ACTION PUSHBUTTONS
ALTERNATE
ACTION
P5-D
Specifications Subject To Change Without Notice
OTTO CONTROLS • www.ottoeng.com
51
The rugged P5 series is an alternate action “push on, push off”
pushbutton switch with contoured dome styling. With two design
versions,a flush dome and raised dome button profile, the P5-D
series offers excellent mechanical and electrical performance while
operating under severe conditions found in demanding applications.
The OTTO P5-D Dome series features unsealed, dusttight, moistureproof
and watertight seal options. Expect a minimum of 100,000 operations at
full rated load of 10 amperes resistive or 5 amperes inductive; up to a
million operations in low signal switching applications.
The OTTO P5-D Dome series is a quality precision snap-action switch
designed for use in panels, instruments, and other demanding
applications where attractive, rugged pushbutton switches are required.
Quality Features:
•Attractive Dome style button
•Two contoured button styles
•Button sealed with patented “rolling sleeve” principle
•Contact area sealed at case and terminals
•Watertight IP68 available
•Less than 25 milliohms contact resistance
•Handles low level to 10 amperes
•Choice of 9 button colors
•Moistureproof and dusttight to IP64 & MIL-PRF-8805
Design 2
•Watertight: IP68 available
•Unsealed construction also available
9 Vibrant
colors
“Push On
”,“Push Of
f” action
P5-D PART NUMBER CODE
P5-D
X
X
X
X
X
X
Button
Terminal
Circuit Form
Seal
Bezel
Button
Style
Style
Contact Material-Grade
Level
Color
Color
1. Flush
0. Special➀
1. SPST, Silver, Commercial 1. Unsealed
1. Clear
1. Red
2. Raised
1. Solder
2. SPST, Gold, Commercial
2. Dusttight
2. Black
2. Black
2. Screw➁
3. SPDT, Silver, Commercial 3. Watertight
3. Orange
4. SPDT, Gold, Commercial
4. Yellow
5. SPST, Silver, Military Grade
5. Green
6. SPST, Gold, Military Grade
6. Blue
7. SPDT, Silver, Military Grade
7. Purple
8. SPDT, Gold, Military Grade
8. Gray
9. White
➀ Specials are serialized. Subsequent numbers do not specify standard features.
➁ Screw Terminals available on SPST circuit forms only.
ATTRACTIVE AND RUGGED FOR WET AND DUSTY ENVIRONMENTS
Standard Characteristics/Ratings:
OPERATIONAL:
Mechanical Life:
1,000,000 cycles minimum
Seal:
Moistureproof and Dusttight
Operating Force:
.3 lbs., +1/-1/2 lbs.
Temperature Range: -55°C to +85°C
MATERIALS:
Case:
Anodized aluminum
Button:
Thermoplastic
Mounting Hardware: 5/8-24 Hexnut & internal tooth Lockwasher
Contacts:
Silver alloy
ELECTRICAL: (at 28 VDC or 115 VAC, 60/400 Hz.)
LOAD
AMPERES
LIFE (Min.)
Resistive
5
100,000 cycles
Resistive
10
25,000 cycles
Inductive5
25,000 cycles
Motor3
25,000 cycles
Lamp
125,000 cycles
Dielectric Withstand: 1050Vrms


Número de pieza similar - P5-D215212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
P5-100-NP SUMIDA-P5-100-NP Datasheet
51Kb / 3P
IFT COILS
P5-110-NP SUMIDA-P5-110-NP Datasheet
51Kb / 3P
IFT COILS
P5-120-NP SUMIDA-P5-120-NP Datasheet
51Kb / 3P
IFT COILS
P5-130-NP SUMIDA-P5-130-NP Datasheet
51Kb / 3P
IFT COILS
P5-150-NP SUMIDA-P5-150-NP Datasheet
51Kb / 3P
IFT COILS
More results

Descripción similar - P5-D215212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
Nihon Kaiheiki Industry...
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
Snap-Action Pushbuttons
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
Snap-Action Pushbuttons
logo
C&K Components
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
Alternate & Momentary Action Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
2018
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
Alternate & Momentary Action Pushbutton Switches
2022
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com