| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PD55003-E Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55003-E Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 29 page ![]() PD55003-E Test circuit Doc ID 12273 Rev 4 13/29 6 Test circuit Figure 31. Test circuit schematic Table 9. Test circuit component list Component Description B1,B2 Short ferrite bead, Fair-Rite Products Corp (2743021446) C1,C14 240 pF, 100 mil chip capacitor C2,C3,C4,C10,C11,C12 0 TO 20 pF trimmer capacitor C5 130 pF, 100 mil chip cap C6,C17 120 pF, 100 mil chip cap C7,C14 10 µF, 50 V electrolytic capacitor C8,C15 1.200 pF, 100 mil chip cap C9,C16 0.1 F, 100 mil chip cap L1 55.5 nH, 5 turn, Coilcraft N1,N2 Type N flange mount R1 15 Ω, 0805 chip resistor R2 1.0 k Ω, 1/8 W resistor R3 15 Ω, 0805 chip resistor R4 33 k Ω, 1/8 W resistor Z1 0.175’’ X 0.080’’ microstrip Z2 1.049’’ X 0.080’’ microstrip Z3 0.289’’ X 0.080’’ microstrip Z4 0.026’’ X 0.080’’ microstrip Z5 0.192’’ X 0.223’’ microstrip Z6,Z7 0.260’’ X 0.223’’ microstrip Z8 0.064’’ X 0.080’’ microstrip Z9 0.334’’ X 0.080’’ microstrip |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |