Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-75 Datasheet(PDF) 8 Page - Power Integrations, Inc.

No. de pieza DER-75
Descripción Electrónicos  2.4 W Power Supply using LNK520P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-75 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DER-75 Datasheet HTML 4Page - Power Integrations, Inc. DER-75 Datasheet HTML 5Page - Power Integrations, Inc. DER-75 Datasheet HTML 6Page - Power Integrations, Inc. DER-75 Datasheet HTML 7Page - Power Integrations, Inc. DER-75 Datasheet HTML 8Page - Power Integrations, Inc. DER-75 Datasheet HTML 9Page - Power Integrations, Inc. DER-75 Datasheet HTML 10Page - Power Integrations, Inc. DER-75 Datasheet HTML 11Page - Power Integrations, Inc. DER-75 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DER-75
2.4W Power Supply using LNK520P
September 12, 2005
Page 8 of 23
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
Bill Of Materials
Item Quantity
Part
Reference Description
Part Number
Mfg Part
Number
1
1 C3
CAP 470pF 100V CERM CHIP X7R
0805 SMD
20-00205-00
ECU-
V1H471KBN
2
2 C5 C6
Cap,Al
Elect,4.7uF,400V,8mmX11.5mm,Sam
Young
20-00434-00
SHD400WV
4.7uF
3
1 C7
Cap,Al
Elect,330uF,16V,8mmX11.5mm,KZE
Series,NIPPON CHEMI-CON
20-00014-00
KZE16VB331MH
11LL
4
1 C10
CAP 0.22uF 25V CERM CHIP X7R 0805
SMD
20-00237-00
ECJ-
2YB1E224K
5
1 C12
Cap,Cer, 1.0 uF, 50V, 10%
20-00308-00
ECU-
S1H105KBB
6
5
D1 D3 D5
D7 D10
Rectifier GPP 600V 1A DO-41
15-00089-00
1N4005-T
7
1 D2
Diode Schottky 60V 1.1A DO-41
15-00153-00
11DQ06
8
1 D4
Rectifier GPP 1000V 1A DO-41
TMP-59
1N4007GDICT
10
2 J1 J2
Terminal,1Pin,22AWG
35-00008-00
11
2 J3 J4
Terminal,1Pin,18AWG
35-00007-00
12
2 L1
CHOKE,1mH,SBCP_47HY102B,TOKIN 30-00018-00
SBCP_47HY102
B
12
2 L3
CHOKE,FERRITE BEAD
13
1 R3
Res,150K 1/16W 5% 0603 SMD
05-01740-00
ERJ-
3GEYJ154V
14
1 R4
Res,300 1/10W 5% 0805 SMD
05-01506-00
ERJ-
6GEYJ301V
15
1 R6
Res,7.50K 1/16W 1% 0603 SMD
05-01162-00
ERJ-3EKF7501V
16
1 R7
Res,15 1/16W 5% 0603 SMD
05-01644-00
ERJ-
3GEYJ150V
17
1 R9
Res,680 1/16W 5% 0603 SMD
05-01684-00
ERJ-
3GEYJ681V
18
1 R10
Res,120 1/16W 5% 0603 SMD
05-01666-00
ERJ-
3GEYJ121V
19
1 RF1
Res, 8.2 ,1W, 5%, Metal Film
05-02802-00
RSF200JB-
0R8.2
20
1 T1
BEE16_H_LOPROFILE_10P
25-00061-00
21
1 U1
IC,LNK 520P,CV or CV/CC
SWITCHER,PLAS,DIP-8B
TMP-111
LNK520P
22
1 U2
IC,PC817D,PHOTOCOUPLER TRAN
OUT 4-DIP
45-00008-00
PC817D
23
1 VR1
DIODE ZENER 4.7V 500MW MINIMELF 15-00188-00
ZMM5230B-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com