| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P9-733232 Datasheet(PDF) 2 Page - OTTO Engineering, Inc |
|
|
|||||||||||||||||||||||||||||
P9-733232 Datasheet(HTML) 2 Page - OTTO Engineering, Inc |
|
2 / 2 page ![]() sealed dome pushbuttons dome pushbuttons p9 133 otto full line catalog specifications subject to change without notice choice of snap-action & shorting bar action ORDERING INFORMATION: Select the OTTO P9 series features that match your specific application. Standard and special features are shown at right. Specify your choice by building the OTTO Part Number code. Example: P9-211121 specifies raised dome style button, threaded case, solder terminals, N.O. circuit form, standard snap- action, black case/bezel, red button. 0.110” Quick Connect Detail 15/32-32 UNRS-2A THD to within 0.062 of shoulder Component Side P.C. Mounting Pattern (As viewed from switch bottom) Button & Case Style*** Terminal Style Circuit Form Switch Action Case/ Bezel Color Button Color 1. Flush Dome & Threaded Case, Std. Finish 2. Raised Dome & Threaded Case, Std. Finish 3. Flush Dome & Snap-In Case, Std. Finish 4. Raised Dome & Snap-In Case, Std. Finish 5. Flush Dome & Threaded Case, Matte Finish 6. Raised Dome & Threaded Case, Matte Finish 7. Flush Dome & Snap-In Case, Matte Finish 8. Raised Dome & Snap-In Case, Matte Finish 1. Solder 2. PC Pin 3. 0.110” Quick Connect 1. N.O. 2. N.C. ➀ 3. 2 Circuit ➀ 1. Standard Snap-Action 2. Low Force Snap-Action 3. Non-Snap Shorting Bar 1. Red 2. Black 3. Orange** 4. Yellow** 5. Green** 6. Blue** 7. Violet** 8. Gray** 9. White 1. Red 2. Black 3. Orange 4. Yellow 5. Green 6. Blue 7. Violet 8. Gray 9. White P9 PART NUMBER CODE P9 – X X X X X X * ➀ Not available in Shorting Bar version. * Add “W” suffix for watertight to IP68S (will include panel gasket) ** Contact factory for minimum requirement. *** Contact factory for std./matte button/case combination options. • Snap-in case allows front panel mounting into 0.024” or 0.118” thick panels using panel gasket 401669 or into 0.031” and 0.125” thick panels • 0.110” Quick Connect terminals allow reliable, solderless wire connections • Flush Neoprene Black Boot P/N 402339 • Raised Neoprene Black Boot P/N 402246 • Flush Silicone Translucent Boot P/N 402599-1 • Raised Silicone Translucent Boot P/N 402611-1 * Must use panel gasket 401669 supplied with the switch. Recommended Panel Openings *Panel Thickness Recommended 0 DIM. Across D-Flat 0.024* 0.505 0.460 0.031 0.505 0.460 0.118* 0.505 0.460 0.125 0.505 0.460 15/32-32 UNRS-2A THD to within 0.062 of shoulder Raised Dome Button Style Snap-In Case (PC Terminals Shown) Flush Dome Button Style Solder Terminals (Terminals not orientated to flat) Threaded Case PC Pin (Orientated to case flats as shown) Snap-In Case NC NO NC NO |