Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DER-111 Datasheet(PDF) 6 Page - Power Integrations, Inc.

No. de pieza DER-111
Descripción Electrónicos  3.15W Adapter with < 100 mW standby using LNK500P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-111 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-111 Datasheet HTML 2Page - Power Integrations, Inc. DER-111 Datasheet HTML 3Page - Power Integrations, Inc. DER-111 Datasheet HTML 4Page - Power Integrations, Inc. DER-111 Datasheet HTML 5Page - Power Integrations, Inc. DER-111 Datasheet HTML 6Page - Power Integrations, Inc. DER-111 Datasheet HTML 7Page - Power Integrations, Inc. DER-111 Datasheet HTML 8Page - Power Integrations, Inc. DER-111 Datasheet HTML 9Page - Power Integrations, Inc. DER-111 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DER-111
3.15 W General Purpose Adapter
October 26, 2005
Page 6 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Circuit Description
This circuit is configured as a Flyback operating in discontinuous conduction mode. The
low standby consumption is achieved by using a high gain opto-coupler, using a bias
winding that provides about 8 V during no-load, and by designing a low-capacitance
transformer.
5.1
Input Rectification, Bulk Capacitance and EMI Filtering
AC input power is rectified by a full bridge, consisting of D1 through D4. The rectified DC
is then filtered by the bulk storage capacitors C1 and C2. Inductor L1 and Ferrite bead
L2 separate C1 and C2 from each other. L1, C1 and C2 form a pi (
π) filter, which
attenuates conducted differential-mode EMI noise. Fusible resistor RF1 has multiple
functions. It is a fuse, an in-rush current limiting device, a final low pass filter stage (with
C1) for conducted EMI attenuation and an initial stage of input surge voltage attenuation.
5.2
Primary DRAIN Voltage Clamp Circuit
The DRAIN voltage clamp circuit is comprised of Zener diode VR1, R1 and diode D5. D5
and VR1 clamp the amplitude of the voltage spike that the transformer leakage
inductance generates, at switch turn-off, to keep it beneath the device’s maximum DRAIN
to SOURCE voltage rating (700 V). R1 damps the high frequency ringing caused by
leakage inductance, which improves the conducted EMI performance of the circuit. The
reflected output voltage VOR, which is determined by the transformer turns ratio (13:1),
has been kept low (70 V) to minimize the power dissipation in the clamp circuit.
5.3
Auxiliary Bias Supply
The auxiliary bias supply circuit is made up of the primary-side transformer bias winding,
diode D6 and capacitor C5. D6 rectifies the output of the winding and C5 filters it. The
winding was given just enough turns so that its minimum output voltage stays at 7V at no-
load to minimize power consumption. C4 is the standard BP pin decoupling capacitor,
which should always be a 50 V 0.1
µF ceramic capacitor that is located close to the IC. R3
and C9 are compensation network, along with the Linkswitch Control pin resistance, form
a pole and a zero to stabilize the control loop.
5.4
Output Rectification and Filtering
Output rectification and filtering are accomplished by Schottky diode D7, capacitors C6
and C7. D7 rectifies the output of the transformer, T1.
5.5
Output Voltage Sensing and Feedback
Resistors R4, Zener diode VR2 and opto-isolator U2 sense the output voltage and
feedback to the LinkSwitch. C10 provides power for the LinkSwitch during the time of
power up, it also acts as a soft start capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com