Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P9-113236X Datasheet(PDF) 1 Page - OTTO Engineering, Inc

No. de pieza P9-113236X
Descripción Electrónicos  SEALED DOME PUSHBUTTON SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OTTO [OTTO Engineering, Inc]
Página de inicio  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

P9-113236X Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  P9-113236X Datasheet HTML 1Page - OTTO Engineering, Inc P9-113236X Datasheet HTML 2Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEALED DOME PUSHBUTTON SWITCHES
DOME
PUSHBUTTONS
P9
60
OTTO CONTROLS • 2005 Full Line Catalog
Specifications Subject To Change Without Notice
ATTRACTIVE AND RUGGED FOR WET & DUSTY ENVIRONMENTS
The OTTO P9 series pushbutton switches feature a contoured Dome
style pushbutton and share similar size and characteristics to the
OTTO P7 series. Major differences are plastic housing construction
and the availability of a shorting bar contact arrangement. There are
two button versions: low button profile and high button profile. The
P9 comes with a threaded case for hex nut mounting or with a snap-
in case. The switch series features short behind-panel depth. They
also offer excellent mechanical and electrical performance while
operating under severe conditions found in demanding applications.
The OTTO P9 Dome series is offered in dusttight and moistureproof
sealed construction.Expect a minimum of 25,000 operations at full
rated load of 5 amperes resistive or 3 amperes inductive; up to a
million operations in low signal switching.
Watertight sealing (IP68) submersible to 1 meter water pressure is
available. Add “W” suffix to the part number to specify IP68 rating.
The OTTO P9 Dome series is available in standard and low-force
double-break snap-action and non-snap shorting bar models. All are
momentary action. Special contact variations are available. High
contact pressure and unique contact design provide low contact
resistance for low level switching capability as well as full rated
service. Solder, PC Pin, and .110” Quick Connect termination options
are available.
Positive tactile feedback signaling the operator when the switch is
operated is available in snap-action models but not shorting bar models.
The OTTO P9 Dome series is a quality precision switch designed for
use in panels, control grips, computers, instruments, heavy equipment
and other demanding applications where attractive, rugged
pushbutton switches are required.
Quality Features:
•Attractive Dome style button
•Two button heights
•Double-break or Shorting bar, momentary action
•All plastic housing and button construction
• Threaded body or snap-in panel mounting
•Withstands extreme shock & vibration
•Positive tactile feedback contact transfer on
snap-action models
•Solder, P.C. Pin, and .110” Quick Connect terminal styles
Snap-in case with
.110” Quick Connect Terminals
Standard Characteristics/Ratings:
OPERATIONAL:
Mechanical Life:
1,000,000 cycles, minimum
Seal:
Moistureproof and dusttight to IP64 & MIL-PRF-8805 Design 2
Watertight to IP68
Operating Force:
Standard: 1.7±.5 lbs.
Low Force: 12 oz., ±4 oz.
Total Travel:
.080 max.
Temperature Range: -55°C to +85°C
Case/Bezel:
Thermoplastic
Button:
Thermoplastic. Standard Case/Bezel is Black.
Mounting Hardware: Hexnut & Lockwasher
Torque Hexnut to 10 in./oz. max.
Contacts:
Gold Plated Silver Alloy
ELECTRICAL:
Snap-Action: at 28 VDC or 115 VAC, 60/400 Hz.
Shorting Bar: at 5VDC
Current Rating
Operational Life
(Min. Cycles)
Load
Snap-Action
Shorting Bar
Snap-Action
Shorting Bar
Resistive
1A
10mA
1,000,000
1,000,000
Resistive
5A
N/A
25,000
N/A
Inductive3A
N/A
25,000
N/A
Dielectric Withstand: 1050 Vrms


Número de pieza similar - P9-113236X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OTTO Engineering, Inc
P9-113231 OTTO-P9-113231 Datasheet
544Kb / 2P
Sealed dome pushbutton switches
P9-113231 OTTO-P9-113231 Datasheet
1Mb / 2P
SEALED DOME PUSHBUTTON SWITCHES
P9-113232 OTTO-P9-113232 Datasheet
544Kb / 2P
Sealed dome pushbutton switches
P9-113232 OTTO-P9-113232 Datasheet
1Mb / 2P
SEALED DOME PUSHBUTTON SWITCHES
P9-113233 OTTO-P9-113233 Datasheet
544Kb / 2P
Sealed dome pushbutton switches
More results

Descripción similar - P9-113236X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
GP11MCBE ITT-GP11MCBE Datasheet
419Kb / 4P
Sealed Ultraminiature Pushbutton Switches
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
Sealed Tiny Pushbutton Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
logo
E-SWITCH
LASEEU110RED E-SWITCH-LASEEU110RED Datasheet
512Kb / 4P
PUSHBUTTON SWITCHES - SEALED ILLUMINATED
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
C&K Components
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
Sealed Tiny Pushbutton Switches
5 Aug 20
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com