| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A19360LUBATN-RPE4 Datasheet(PDF) 15 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A19360LUBATN-RPE4 Datasheet(HTML) 15 Page - Allegro MicroSystems |
|
15 / 18 page ![]() High-Resolution GMR Wheel Speed and Distance Sensor IC A19360 15 Allegro MicroSystems 955 Perimeter Road Manchester, NH 03103-3353 U.S.A. www.allegromicro.com N S N S N S N N S Primary High-Res Target Differential Magnetic Profile Output Events Forward Rotation Direct Change Reverse Rotation Figure 18: Direction Change Behavior Constant Target Rotation Constant Target Rotation S N Primary High-Res N Target Differential Magnetic Profile Vibration NS NN S S Output Events Figure 19: Vibration Behavior During a vibration event, the last reported direction before blanking begins depends on the magnetic angle where vibration began. As the -xxx4 variant detects vibration at a higher resolution than output events, vibration may be entered after consecutive direction events are outputted. During operation, the A19360 is exposed to changes in the direction of target rotation (Figure 18), vibrations of the target (Figure 19), and anomalous events such as sudden air-gap changes. The A19360 has built-in vibration algorithms that detect and blank pulses if the directional changes of NVIB_CHANGE occur without the TVIB_CONST consecutive constant direction pulses between each direction change. Vibration detection exits when TVIB_CONST consecutive direction events occur. Direction Changes, Vibrations, and Anomalous Events |