Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431 Datasheet(PDF) 5 Page - Microsemi Corporation

No. de pieza TL431
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431 Datasheet(HTML) 5 Page - Microsemi Corporation

  TL431_06 Datasheet HTML 1Page - Microsemi Corporation TL431_06 Datasheet HTML 2Page - Microsemi Corporation TL431_06 Datasheet HTML 3Page - Microsemi Corporation TL431_06 Datasheet HTML 4Page - Microsemi Corporation TL431_06 Datasheet HTML 5Page - Microsemi Corporation TL431_06 Datasheet HTML 6Page - Microsemi Corporation TL431_06 Datasheet HTML 7Page - Microsemi Corporation TL431_06 Datasheet HTML 8Page - Microsemi Corporation TL431_06 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL431 / TL431A / TL431B
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 1999
Rev. 1.4, 2006-09-26
Precision programmable References
TM
®
CHARACT ER ISTIC CURVES
2.44
2.4
(T
A )
Ambient Temperature - (°C)
-50
-25
0
25
50
75
100
125
V
REF= V KA
I
K = 10mA
2.42
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
V
REF= 2550mV
V
REF= 2495mV
V
REF= 2440mV
TL431B
TL431/A
TL431/A
TL431/A
Figure 1 –
Reference Voltage vs. Free-Air Temperature
1
0
(T
A )
Ambient Temperature - (°C)
5
2
-50
-25
0
25
50
75
100
125
3
I
K = 10mA
R1 =
I
K = 10mA
4
TL431/A
TL431B
Figure 2 –
Reference Current vs. Free-Air Temperature
0
-100
(V
KA )
Cathode Voltage - (V)
150
-2
-1
0
1
23
50
V
KA = V REF
T
A = 25 °C
100
-75
-50
-25
25
75
125
TL431/A
TL431B
Figure 3 –
Cathode Current vs. Cathode Voltage
0
-200
(V
KA )
Cathode Voltage - (V)
800
200
-1
0
1
23
400
I
MIN
600
V
KA = VREF
T
A = 25 °C
Figure 4 –
Cathode Current vs. Cathode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com