Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CPT-DINAV61LS2AX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza CPT-DINAV61LS2AX
Descripción Electrónicos  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV61LS2AX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CPT-DINAV61LS2AX Datasheet HTML 1Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 2Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 3Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 4Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV61LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Specifications are subject to change without notice
CPT-DINADS110706
CPT-DIN
AC/DC voltage
90 to 260VAC/DC
18 to 60VAC/DC
Power consumption
AC: 2.5 VA
DC: 2W
Power Supply Specifications
4kVAC RMS between
power supply and
RS485/RS232/programming
port (RJ12)
Dielectric strength
4kVACRMS (for 1 min)
EMC
Emissions
EN61000-6-3, EN60688
residential environment,
commerce and light industry
Immunity
EN61000-6-2
industrial environment.
Pulse voltage (1.2/50µs)
EN61000-4-5
Safety standards
IEC60664, IEC61010-1
EN60664, EN61010-1
Mesurement standards
IEC60688, EN60688,
EN62053-31, EN62053-23
Approvals
CE, cURus
Connections 5(6) A
Screw-type
Max cable cross sect. area
2.5 mm2
Housing
Dimensions (WxHxD)
45 x 83.5 x 98.5 mm
Material
ABS
self-extinguishing: UL 94 V-0
Mounting
DIN-rail
Protection degree
IP20
Weight
Approx. 200 g (pack. incl.)
Front LED’s
Power on
Green
Diagnostics
RS485/RS422/RS232
TX data (Green)
RX data (Red)
Dupline bus
TX data (Green)
RX data (Red)
Alarm outputs
1st output activation (Green)
2nd output activation (Red)
Pulse outputs
1st output activation (Green)
2nd output activation (Red)
Analogue outputs
Output signal within the
programmed scale (Green)
Output signal exceeding
110% of full scale (Red)
Operating
0° to +50°C (32° to 122°F)
temperature
(RH < 90% non condensing)
Storage
-10° to +60°C (14° to 140°F)
temperature
(RH < 90% non condensing)
Overvoltage category
Cat. III (IEC 60664, EN60664)
Insulation (for 1 minute)
4kVACRMS
between measuring
inputs and power supply.
4kVAC/DC @ I
≥ 3mA
between measuring inputs
and RS485/RS232/
programming port (RJ12)
General Specifications
- W dmd max, VA dmd max,
A1 max, A2 max, A3 max,
WL1 max, WL2 max, WL3 max,
W sys max, A1 dmd max,
A2 dmd max, A3 dmd max,
VA sys dmd max,
W sys dmd max, PF 1 min,
PF 2 min, PF 3 min
- all the counters: total kWh,
partial kWh, total kvarh,
partial kvarh, hour counters
- reset of all the above
mentioned variables in a
single command
Alarms
Working mode
“OR” or “AND” or
“OR+AND” functions (see
“Alarm parameter and logic”
page). The user can freely
program up to 16 total
alarms. (out1+out2).
The alarms
can be connected to any
variables available in the
table “List of the variables
that can be connected to”
Reset
The following resets are
available by means of the
configuration software:
- all the maximum/min values:
Software functions (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13