Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NAND512R4A2C Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza NAND512R4A2C
Descripción Electrónicos  512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R4A2C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button NAND512R4A2C Datasheet HTML 23Page - STMicroelectronics NAND512R4A2C Datasheet HTML 24Page - STMicroelectronics NAND512R4A2C Datasheet HTML 25Page - STMicroelectronics NAND512R4A2C Datasheet HTML 26Page - STMicroelectronics NAND512R4A2C Datasheet HTML 27Page - STMicroelectronics NAND512R4A2C Datasheet HTML 28Page - STMicroelectronics NAND512R4A2C Datasheet HTML 29Page - STMicroelectronics NAND512R4A2C Datasheet HTML 30Page - STMicroelectronics NAND512R4A2C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
NAND512-A2C
Device operations
27/51
6.8
Read Electronic Signature
The device contains a Manufacturer Code and Device Code. To read these codes two steps
are required:
1.
first use one Bus Write cycle to issue the Read Electronic Signature command (90h),
followed by an address input of 00h.
2.
then perform two Bus Read operations – the first will read the Manufacturer Code and
the second, the Device Code. Further Bus Read operations will be ignored.
Refer to Table 12: Electronic Signature, for information on the addresses.
Table 11.
Status Register bits
Bit
Name
Logic Level
Definition
SR7
Write Protection
'1'
Not Protected
'0'
Protected
SR6
Program/ Erase/ Read
Controller
'1'
P/E/R C inactive, device ready
'0'
P/E/R C active, device busy
SR5, SR4,
SR3, SR2,
SR1
Reserved
Don’t Care
SR0
Generic Error
‘1’
Error – operation failed
‘0’
No Error – operation successful
Table 12.
Electronic Signature
Part Number
Manufacturer Code
Device code
NAND512R3A2C
20h
36h
NAND512W3A2C
76h
NAND512R4A2C
0020h
0046h
NAND512W4A2C
0056h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com