| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL082BMN Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL082BMN Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 17 page ![]() TL082 -TL082A - TL082B Ordering information 15/17 7 Ordering information Table 4. Order codes Part number Temperature range Package Packing Marking TL082MN -55°C, + 125°C DIP8 Tube TL082MN TL082MD/MDT SO8 Tube or tape & reel 082M TL082MPT TSSOP8 Tape & reel TL082AMN DIP8 Tube TL082AMN TL082AMD/AMDT SO8 Tube or tape & reel 082AM TL082AMPT TSSOP8 Tape & reel TL082BMN DIP8 Tube TL082BMN TL082BMD/BMDT SO8 Tube or tape & reel 082BM TL082BMPT TSSOP8 Tape & reel TL082IN -40°C, +105°C DIP8 Tube TL082IN TL082ID/IDT SO8 Tube or tape & reel 082I TL082IPT TSSOP8 Tape & reel TL082AIN DIP8 Tube TL082AIN TL082AID/AIDT SO8 Tube or tape & reel 082AI TL082AIPT TSSOP8 Tape & reel TL082BIN DIP8 Tube TL082BIN TL082BID/BIDT SO8 Tube or tape & reel 082BI TL082BIPT TSSOP8 Tape & reel TL082CN 0°C, +70°C DIP8 Tube TL082CN TL082CD/CDT SO8 Tube or tape & reel 082C TL082CPT TSSOP8 Tape & reel TL082ACN DIP8 Tube TL082ACN TL082ACD/ACDT SO8 Tube or tape & reel 082AC TL082ACPT TSSOP8 Tape & reel TL082BCN DIP8 Tube TL082BCN TL082BCD/BCDT SO8 Tube or tape & reel 082BC TL082BCPT TSSOP8 Tape & reel TL082IYDT(1) -40°C, +105°C SO8 (automotive grade level) Tube or tape & reel 082IY TL082AIYDT(1) 82AIY TL082BIYDT(1) 82BIY 1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. |