Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95128-MN6TP Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza M95128-MN6TP
Descripción Electrónicos  128 Kbit Serial SPI bus EEPROM with high speed clock
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MN6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M95128-MN6TP Datasheet HTML 1Page - STMicroelectronics M95128-MN6TP Datasheet HTML 2Page - STMicroelectronics M95128-MN6TP Datasheet HTML 3Page - STMicroelectronics M95128-MN6TP Datasheet HTML 4Page - STMicroelectronics M95128-MN6TP Datasheet HTML 5Page - STMicroelectronics M95128-MN6TP Datasheet HTML 6Page - STMicroelectronics M95128-MN6TP Datasheet HTML 7Page - STMicroelectronics M95128-MN6TP Datasheet HTML 8Page - STMicroelectronics M95128-MN6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
June 2006
Rev 7
1/41
1
M95128
M95128-W M95128-R
128 Kbit Serial SPI bus EEPROM
with high speed clock
Feature summary
■
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
■
Single Supply Voltage:
– 4.5 to 5.5V for M95128
– 2.5 to 5.5V for M95128-W
– 1.8 to 5.5V for M95128-R
■
High Speed
– 5MHz Clock Rate, 5ms Write Time
■
Status Register
■
Hardware Protection of the Status Register
■
BYTE and PAGE WRITE (up to 64 Bytes)
■
Self-Timed Programming Cycle
■
Adjustable Size Read-Only EEPROM Area
■
Enhanced ESD Protection
■
More than 100,000 Write Cycles
■
More than 40-Year Data Retention
■
Packages
– ECOPACK® (RoHS compliant)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
www.st.com


Número de pieza similar - M95128-MN6TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M95128-MN6TP STMICROELECTRONICS-M95128-MN6TP Datasheet
580Kb / 39P
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Oct-2004
M95128-MN6TP/A STMICROELECTRONICS-M95128-MN6TP/A Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128-MN6TP/P STMICROELECTRONICS-M95128-MN6TP/P Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128-MN6TP/P STMICROELECTRONICS-M95128-MN6TP/P Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
M95128-MN6TP/PC STMICROELECTRONICS-M95128-MN6TP/PC Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
More results

Descripción similar - M95128-MN6TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128 STMICROELECTRONICS-M95128_10 Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95128-RMB6TG STMICROELECTRONICS-M95128-RMB6TG Datasheet
681Kb / 49P
128-Kbit serial SPI bus EEPROM with high-speed clock
19-Dec-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com