Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95128-DW6TP Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza M95128-DW6TP
Descripción Electrónicos  128 Kbit Serial SPI bus EEPROM with high speed clock
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DW6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95128-DW6TP Datasheet HTML 25Page - STMicroelectronics M95128-DW6TP Datasheet HTML 26Page - STMicroelectronics M95128-DW6TP Datasheet HTML 27Page - STMicroelectronics M95128-DW6TP Datasheet HTML 28Page - STMicroelectronics M95128-DW6TP Datasheet HTML 29Page - STMicroelectronics M95128-DW6TP Datasheet HTML 30Page - STMicroelectronics M95128-DW6TP Datasheet HTML 31Page - STMicroelectronics M95128-DW6TP Datasheet HTML 32Page - STMicroelectronics M95128-DW6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
M95128, M95128-W, M95128-R
DC and AC parameters
29/41
Table 14.
DC characteristics (M95128-W, Device Grade 3)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current (Read)
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 2.5V, Q = open
3mA
ICC0
(1)
1.
Characterized value, not tested in production.
Supply Current (Write)
During tW, S = VCC,
2.5V < VCC < 5.5V
6mA
ICC1
Supply Current
(Standby Power mode)
S = VCC, VIN = VSS or VCC
2.5V < VCC < 5.5V,
5µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
VCC = 2.5V and IOL = 1.5mA or
VCC = 5V and IOL = 2mA
0.4
V
VOH
Output High Voltage
VCC = 2.5V and IOH = –0.4mA or
VCC = 5V and IOH = –2mA
0.8 VCC
V
Table 15.
DC characteristics (M95128-R)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current (Read)
C = 0.1VCC/0.9VCC at 2 MHz,
VCC = 1.8 V, Q = open
1 (1)
1.
This is preliminary data.
mA
ICC0
(2)
2.
Characterized value, not tested in production.
Supply Current (Write)
During tW, S = VCC,
1.8V < VCC < 5.5V
3mA
ICC1
Supply Current (Standby
Power mode)
S = VCC, VIN = VSS or VCC,
1.8V < VCC < 5.5V
3(1)
µA
VIL
Input Low Voltage
–0.45
0.25 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output High Voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com