Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M95128-WDW6TP Datasheet(PDF) 22 Page - STMicroelectronics

No. de pieza M95128-WDW6TP
Descripción Electrónicos  128 Kbit Serial SPI bus EEPROM with high speed clock
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-WDW6TP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M95128-WDW6TP Datasheet HTML 18Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 19Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 20Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 21Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 22Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 23Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 24Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 25Page - STMicroelectronics M95128-WDW6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Instructions
M95128, M95128-W, M95128-R
22/41
Figure 11.
Page Write (WRITE) sequence
1.
The most significant address bits (b15, b14) are Don’t Care.
5.6.1
ECC (Error Correction Code) and Write cycling
The M95128 (5V version, processed in F6DP26%, identified with letter "V") offers an ECC
(Error Correction Code) logic which compares each 4-Byte packet with its associated ECC
Word (6 EEPROM bits). As a result, if a single bit out of 4 Bytes of data happens to be
erroneous during a Read operation, the ECC detects it and replaces it by the correct value.
The read reliability is therefore much improved by the use of this feature.
Note however that even though a single Byte has to be written, 4 Bytes are internally
modified (plus the ECC Word), that is, the addressed Byte is cycled together with the three
other Bytes making up the packet. It is therefore recommended to Write by packets of 4
Bytes in order to benefit from the larger amount of Write cycles.
The maximum number of Write cycles for the M95128 device (5V version, processed in
F6DP26%, identified with letter "V") is qualified as 100,000 Write cycles, using a cycling
routine that writes to the device Page by Page (that is, by multiples of 4-Byte packets).
The M95128-W and M95128-R devices (2.5V and 1.8V versions, processed in F6DP36%
and identified with the letter "A") do not offer the ECC logic and are qualified for a maximum
number of 100,000 Write cycles.
C
D
AI01796D
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
Instruction
16-Bit Address
0
765432
0
1
Data Byte 1
31
43
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
65432
0
1
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com