| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1271ASCVCTTR Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1271ASCVCTTR Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 40 page ![]() © 2007 Microchip Technology Inc. DS22035B-page 29 TC1270A/70AN/71A 9.0 PACKAGING INFORMATION 9.1 Package Marking Information 5-Pin SOT-23 Part Number Code Part Number Code TC1270ALVCTTR F1NN TC1271ALVCTTR J1NN TC1270AMVCTTR F2NN TC1271AMVCTTR J2NN TC1270ATVCTTR F3NN TC1271ATVCTTR J3NN TC1270ASVCTTR F4NN TC1271ASVCTTR J4NN TC1270ARVCTTR F5NN TC1271ARVCTTR J5NN TC1270ANLVCTTR FSNN TC1270ANMVCTTR FTNN TC1270ANTVCTTR FUNN TC1270ANSVCTTR FVNN TC1270ANRVCTTR FWNN Example: Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXNN F125 4-Lead SOT-143 XXNN Example: C125 Part Number Code Part Number Code TC1270ALVRCTR D1NN TC1271ALVRCTR C1NN TC1270AMVRCTR D2NN TC1271AMVRCTR C2NN TC1270ATVRCTR D3NN TC1271ATVRCTR C3NN TC1270ASVRCTR D4NN TC1271ASVRCTR C4NN TC1270ARVRCTR D5NN TC1271ARVRCTR C5NN TC1270ANLVRCTR E1NN TC1270ANMVRCTR E2NN TC1270ANTVRCTR E3NN TC1270ANSVRCTR E4NN TC1270ANRVRCTR E5NN |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |