| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1271ARBVRCTR Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1271ARBVRCTR Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 40 page ![]() © 2007 Microchip Technology Inc. DS22035B-page 19 TC1270A/70AN/71A Table 4-2 shows the various device trip point options and their VTRIP(MAX) and VTRIP(MIN) voltages. Also the negative percentage change from common regulated voltages is shown. In the case where VDD is falling from the regulated volt- age, as the VDD crosses the VTRIP voltage the RST/RST pin is driven active. Now the desired circuitry is in reset, or the circuitry has the indication that the VDD is below the selected VTRIP. In the case where VDD is rising. As the VDD crosses the VTRIP voltage, the RST/RST pin is driven inactive after the Reset Delay Timer elapses. Now the desired cir- cuitry is released from reset and will start to operate in its normal mode, or the circuitry has the indication that the VDD is above the selected VTRIP. TABLE 4-2: SELECTING THE TRIP POINT The TC1270A/TC1270AN/TC1271A devices are optimized to reject fast transient glitches on the VDD line. If the low input signal (which is below VTRIP) is not rejected, the Reset output is driven active within 50 µs of VDD falling through the Reset voltage threshold. After the device exits the Reset condition, the delay circuitry will hold the RST/RST pin active until the appropriate Reset delay time (tRST) has elapsed. During device power up, the input voltage is below the Trip Point voltage. The device must enter the valid operating range for the device to start operation. 4.2.1 HYSTERESIS There is also a minimal hysteresis (VHYS) on the trip point. This is so that small noise signals on the device voltage (VDD) do not cause the Reset pin (RST/RST) to “jitter” (change between driving an active and inactive). The characterization graphs shown in Figures 2-13 through 2-15 shows the device hysteresis as a percent- age of the voltage trip point (VTRIP). The Reset Delay Timer (tRST) gives a time based hys- teresis for the system. 4.2.2 POWER-UP/RISING VDD As the device VDD rises, the device’s Reset circuit will remain active until the voltage rises above the “actual” trip point (VTRIP). Figure 4-7 shows a power-up sequence and the wave- form of the RST and RST pins. As the device powers up, the voltage will start below the valid operating volt- age of the device. At this voltage, the RST/RST output is not valid. Once the voltage is above the minimum operating voltage (1V) and below the selected VTRIP, the Reset output will be active. Once the device voltage rises above the VTRIP voltage, the Reset delay timer (tRST) starts. When the Reset delay timer times out, the Reset output (RST/RST) is driven inactive. FIGURE 4-7: RST/RST pin Operation Power-up. Trip Voltage Selection VTRIP(MAX) (1) / VTRIP(MIN) (2) - % From Regulated Voltage 5.0V 3.3V 3.0V L 4.75V 5.0% — — 4.50V 10.0% — — M 4.50V 10.0% — — 4.25V 15.0% — — T3.15V — 4.5% — 3.00V — 9.2% — S3.00V — 9.2% — 2.85V — 13.7% — R 2.70V — — 10.0% 2.55V — — 15.0% Note 1: Voltage regulator circuit must have tighter tolerance (%) than VTRIP(MAX) % from regulated voltage. 2: Circuitry being reset must have a wider tolerance (%) than VTRIP(MIN) % from regulated voltage. VTRIP 1V VDD tRST (1) RST(2) RST Note 1: Additional system current is consumed during the tRST time. 2: The TC1270AN requires an external pull-up resistor. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |