Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TC1271ASVRCTR Datasheet(PDF) 26 Page - Microchip Technology

No. de pieza TC1271ASVRCTR
Descripción Electrónicos  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1271ASVRCTR Datasheet(HTML) 26 Page - Microchip Technology

Back Button TC1271ASVRCTR Datasheet HTML 22Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 23Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 24Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 25Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 26Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 27Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 28Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 29Page - Microchip Technology TC1271ASVRCTR Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 26
© 2007 Microchip Technology Inc.
6.0
STANDARD DEVICES
Table 6-1 shows the standard devices and their order
number that are available and their respective
configuration.
The configuration includes the:
• Voltage Trip Point (VTRIP)
• Reset Time Out (tRST)
TABLE 6-1:
STANDARD VERSIONS
Device
Reset Threshold (V)
Reset Time Out (ms)
Order Number
Replaces
TC1270A
4.50 4.63 4.75
L
140
280
560
“blank”
SOT-23-5
TC1270ALVCTTR
—
SOT-143
TC1270ALVRCTR
TC1270LERC /
TCM811LERC
TC1270A
4.25 4.38 4.50 M
140
280
560
“blank”
SOT-23-5
TC1270AMVCTTR
—
SOT-143
TC1270AMVRCTR
TC1270MERC /
TCM811MERC
TC1270A
3.00 3.08 3.15
T
140
280
560
“blank”
SOT-23-5
TC1270ATVCTTR
—
SOT-143
TC1270ATVRCTR
TC1270TERC /
TCM811TERC
TC1270A
2.85 2.93 3.00
S
140
280
560
“blank”
SOT-23-5
TC1270ASVCTTR
—
SOT-143
TC1270ASVRCTR
TC1270SERC /
TCM811SERC
TC1270A
2.55 2.63 2.70
R
140
280
560
“blank”
SOT-23-5
TC1270ARVCTTR
—
SOT-143
TC1270ARVRCTR
TC1270RERC /
TCM811RERC
TC1270AN
4.50 4.63 4.75
L
140
280
560
“blank” SOT-23-5
TC1270ANLVCT
—
TC1270AN
4.25 4.38 4.50 M
140
280
560
“blank” SOT-23-5
TC1270ANMVCT
—
TC1270AN
3.00 3.08 3.15
T
140
280
560
“blank” SOT-23-5
TC1270ANTVCT
—
TC1270AN
2.85 2.93 3.00
S
140
280
560
“blank” SOT-23-5
TC1270ANSVCT
—
TC1270AN
2.55 2.63 2.70
R
140
280
560
“blank” SOT-23-5
TC1270ANRVCT
—
TC1271A
4.50 4.63 4.75
L
140
280
560
“blank”
SOT-23-5
TC1271ALVCTTR
—
SOT-143
TC1271ALVRCTR
TC1271LERC /
TCM812LERC
TC1271A
4.25 4.38 4.50 M
140
280
560
“blank”
SOT-23-5
TC1271AMVCTTR
—
SOT-143
TC1271AMVRCTR
TC1271MERC /
TCM812MERC
TC1271A
3.00 3.08 3.15
T
140
280
560
“blank”
SOT-23-5
TC1271ATVCTTR
—
SOT-143
TC1271ATVRCTR
TC1271TERC /
TCM812TERC
TC1271A
2.85 2.93 3.00
S
140
280
560
“blank”
SOT-23-5
TC1271ASVCTTR
—
SOT-143
TC1271ASVRCTR
TC1271SERC /
TCM812SERC
TC1271A
2.55 2.63 2.70
R
140
280
560
“blank”
SOT-23-5
TC1271ARVCTTR
—
SOT-143
TC1271ARVRCTR
TC1271RERC /
TCM812RERC
Note 1:
“A” timeout delay options are only standard in the SOT-23-5 package. SOT-143 package is a custom
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com