Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N50FR Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N50FR
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N50FR Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N50FR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N50FR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
R
MP4N50FR
版本:202311A
4/8
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTIC
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=250V,ID=4A,RG=25Ω
(note 4,5)
-
4
-
ns
上升时间 Turn-On rise time
tr
-
22
-
ns
延迟时间 Turn-Off delay time
td(off)
-
15.6
-
ns
下降时间 Turn-Off Fall time
tf
-
23.8
-
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =400V ,
ID=4A
VGS =10V
(note 4,5)
-
7.4
-
nC
栅-源电荷 Gate-Source charge
Qgs
-
1.9
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
3.7
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
4
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
16
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=4A
-
-
1.40
V
反向恢复时间
Reverse recovery time
trr
VGS=0V,
IS=4A
dIF/dt=100A/μs
(note 4)
-
63
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
0.1
-
μC
项目
Parameter
符号
Symbol
数值
Value
单位
Unit
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
1.66
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
95.2
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=14.5mH, IAS=4A, VDD=50V,
RG
=25 Ω,起始结温 TJ=25℃
3:ISD
≤4A,di/dt ≤300A/μs,VDD≤BVDSS,起始结温 TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=14.5mH, IAS=4A, VDD=50V, RG
=25 Ω,Starting TJ=25℃
3:ISD
≤4A,di/dt ≤300A/μs,VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com