| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2155 Datasheet(PDF) 3 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 3 Page - Dallas Semiconductor |
|
3 / 238 page ![]() DS2155 3 of 238 12. I/O PIN CONFIGURATION OPTIONS.................................................................................................69 13. LOOPBACK CONFIGURATION ..........................................................................................................71 13.1 PER-CHANNEL LOOPBACK ......................................................................................................................73 14. ERROR COUNT REGISTERS ...............................................................................................................75 14.1 LINE-CODE VIOLATION COUNT REGISTER (LCVCR).............................................................................76 14.1.1 T1 Operation.......................................................................................................................................76 14.1.2 E1 Operation.......................................................................................................................................76 14.2 PATH CODE VIOLATION COUNT REGISTER (PCVCR) ............................................................................78 14.2.1 T1 Operation.......................................................................................................................................78 14.2.2 E1 Operation.......................................................................................................................................78 14.3 FRAMES OUT-OF-SYNC COUNT REGISTER (FOSCR)..............................................................................79 14.3.1 T1 Operation.......................................................................................................................................79 14.3.2 E1 Operation.......................................................................................................................................79 14.4 E-BIT COUNTER (EBCR).........................................................................................................................80 15. DS0 MONITORING FUNCTION ...........................................................................................................81 16. SIGNALING OPERATION .....................................................................................................................83 16.1 RECEIVE SIGNALING ...............................................................................................................................83 16.1.1 Processor-Based Signaling.................................................................................................................83 16.1.2 Hardware-Based Receive Signaling ...................................................................................................84 16.2 TRANSMIT SIGNALING.............................................................................................................................89 16.2.1 Processor-Based Mode .......................................................................................................................89 16.2.2 Software Signaling Insertion-Enable Registers, E1 CAS Mode..........................................................93 16.2.3 Software Signaling Insertion-Enable Registers, T1 Mode..................................................................95 16.2.4 Hardware-Based Mode.......................................................................................................................95 17. PER-CHANNEL IDLE CODE GENERATION ....................................................................................96 17.1 IDLE-CODE PROGRAMMING EXAMPLES..................................................................................................97 18. CHANNEL BLOCKING REGISTERS ................................................................................................101 19. ELASTIC STORES OPERATION........................................................................................................104 19.1 RECEIVE SIDE ........................................................................................................................................107 19.1.1 T1 Mode ............................................................................................................................................107 19.1.2 E1 Mode............................................................................................................................................107 19.2 TRANSMIT SIDE .....................................................................................................................................107 19.2.1 T1 Mode ............................................................................................................................................108 19.2.2 E1 Mode............................................................................................................................................108 19.3 ELASTIC STORES INITIALIZATION .........................................................................................................108 19.4 MINIMUM DELAY MODE .......................................................................................................................108 20. G.706 INTERMEDIATE CRC-4 UPDATING (E1 MODE ONLY)...................................................109 21. T1 BIT-ORIENTED CODE (BOC) CONTROLLER..........................................................................110 21.1 TRANSMIT BOC.....................................................................................................................................110 Transmit a BOC ..............................................................................................................................................110 21.2 RECEIVE BOC .......................................................................................................................................110 Receive a BOC.................................................................................................................................................110 22. ADDITIONAL (SA) AND INTERNATIONAL (SI) BIT OPERATION (E1 ONLY) ......................113 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |