| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M34571GD Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M34571GD Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 126 page ![]() Rev.1.02 May 25, 2007 Page 20 of 124 REJ03B0179-0102 4571 Group (7) Interrupt sequence Interrupts only occur when the respective INTE flag, interrupt enable bits (V10 −V13, V20, V23), and interrupt request flag are “1.” The interrupt actually occurs 2 to 3 machine cycles after the cycle in which all three conditions are satisfied. The interrupt occurs after 3 machine cycles only when the three interrupt conditions are satisfied on execution of other than one-cycle instructions (Refer to Figure 22). Fig 22. Interrupt sequence T3 T2 T1 1 machine cycle System clock (STCK) Interrupt enable flag (INTE) INT0 INT1 T1F T2F T3F The program starts from the interrupt address. Interrupt activated condition is satisfied. Flag cleared 2 to 3 machine cycles (Notes 1, 2) EXF0 EXF1 External 0, External 1 interrupt Timer 1 Timer 2 Timer 3 interrupt VDF Voltage drop detection circuit interrupt When an interrupt request flag is set after its interrupt is enabled EI instruction execution cycle Interrupt enabled state Interrupt disabled state Retaining level of system clock for 4 periods or more is necessary. Notes 1: The address is stacked to the last cycle. 2: This interval of cycles depends on the executed instruction at the time when each interrupt activated condition is satisfied. T3 T2 T1 T3 T2 T1 T3 T2 T1 T2 T1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |