Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADA4637-1ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

No. de pieza ADA4637-1ACPZ-R2
Descripción Electrónicos  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4637-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4637-1ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 16 of 20
DECOMPENSATED OP AMPS
The ADA4637-1 is a decompensated op amp, and, as such, must
always be operated at a noise gain of 5 or greater. See tutorial
MT-033, Voltage Feedback Op Amp Gain and Bandwidth, at
www.analog.com for more information.
DRIVING CAPACITIVE LOADS
Adding capacitance to the output of any op amp results in
additional phase shift, which reduces stability and leads to
overshoot or oscillation.
The ADA4627-1/ADA4637-1 have a high phase margin and low
output impedance, so they can drive reasonable values of
capacitance. This is a common situation when an amplifier is used
to drive the input of switched capacitor ADCs. For other
considerations and various circuit solutions, see the Analog
Dialogue article titled Ask the Applications Engineer-25, Op
Amps Driving Capacitive Loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com