Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16F16-E/SS Datasheet(PDF) 25 Page - Microchip Technology

No. de pieza PIC16F16-E/SS
Descripción Electrónicos  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SS Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F16-E/SS Datasheet HTML 21Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 25Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 26Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 27Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 28Page - Microchip Technology PIC16F16-E/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 23
PIC16F716
FIGURE 3-6:
BLOCK DIAGRAM OF RB3/CCP1/P1A PIN
FIGURE 3-7:
BLOCK DIAGRAM OF RB4/ECCPAS0 PIN
Q
D
Q
CK
Q
D
Q
CK
TRIS Latch
Data Latch
RB3/CCP1/P1A
DATA BUS
WR PORTB
WR TRISB
RD PORTB
TTL Buffer
0
1
P
VDD
weak
pull-up
RBPU(1)
[PWMA(P1A) / CCP1 Compare] Output Enable
VSS
VDD
Note
1:
To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register).
[PWMA(P1A) / CCP1 Compare] Output
PWMA(P1A) Auto-shutdown tri-state
RD TRIS
D
Q
EN
Schmitt Trigger Buffer
CCP – Capture input
Data Latch
From other
RBPU(1)
P
VDD
RB4/ECCPAS0
Q
D
CK
Q
D
CK
QD
EN
QD
EN
DATA BUS
WR PORTB
WR TRISB
Set RBIF
TRIS Latch
RD TRIS
RD PORT
RB<7:4> pins
weak
pull-up
RD PORT
Latch
TTL
Buffer
ST
Buffer
ECCPAS0: ECCP Auto-Shutdown input
Q3
Q1
Note
1:
To enable weak pull-ups, set
the appropriate TRIS bit(s)
and clear the RBPU bit of the
OPTION register.
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More