Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

16F886 Datasheet(PDF) 97 Page - Microchip Technology

No. de pieza 16F886
Descripción Electrónicos  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F886 Datasheet(HTML) 97 Page - Microchip Technology

Back Button 16F886 Datasheet HTML 93Page - Microchip Technology 16F886 Datasheet HTML 94Page - Microchip Technology 16F886 Datasheet HTML 95Page - Microchip Technology 16F886 Datasheet HTML 96Page - Microchip Technology 16F886 Datasheet HTML 97Page - Microchip Technology 16F886 Datasheet HTML 98Page - Microchip Technology 16F886 Datasheet HTML 99Page - Microchip Technology 16F886 Datasheet HTML 100Page - Microchip Technology 16F886 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 95
PIC16F882/883/884/886/887
FIGURE 8-8:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
FIGURE 8-9:
COMPARATOR AND ADC VOLTAGE REFERENCE BLOCK DIAGRAM
VRR
8R
VR<3:0>(1)
Analog
8R
RR
RR
16 Stages
MUX
Fixed Voltage
VREN
CVREF
Reference
EN
FVREN
Sleep
HFINTOSC enable
0.6V
FixedRef
To Comparators
and ADC Module
To Comparators
and ADC Module
Note 1:
Care should be taken when using VREF- with Comparator.
15
0
4
VREF+
VDD
VRSS = 0
VRSS = 1
VREF-
VRSS = 0
VRSS = 1
CVREF
VROE
C1RSEL
C2RSEL
VREF+
VCFG0
AVDD
VREF-
VCFG1
AVSS
VROE
VCFG1
CVREF
Comparator
ADC
AVDD
AVSS
Voltage
Reference
Voltage
Reference
VRSS
VRSS
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com